Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDH3BNA2ABG Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # KDH3BNA2ABG
Description  Sealed Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

KDH3BNA2ABG Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  KDH3BNA2ABG Datasheet HTML 1Page - ZF Friedrichshafen AG KDH3BNA2ABG Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-04-08, Specifications subject to change without notice.
Sealed Rocker Switch
Double Pole
KD Series
Features
•
Snap-in mounting
•
RoHS compliant
•
100,000 cycles mechanical life
•
IP65
•
Lighted and non-lighted versions available
Standard Parts
1
North America
North America and Europe
Europe
KDH3ALA2RBB
KDH3ANA1BBB
KDH3AEA2GBB
KDH3BNA1BBB
KDH3AEA2RBB
KDH3CNA1BBB
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
KDH3ALA2BBB
KD H 3 A N A
Series
Contact Rating
2
Circuitry
Switch Function
Lighting Options
Terminal Type
KD
H
3
Double pole
A
ON-OFF
N
Non-lighted
A
4.75 mm (0.187”)
quick connect
B
ON-ON
E
220 VAC neon
C
ON-OFF-ON
L
110 VAC neon
C
28 VDC LED
M
12 VDC LED
2See Electrical Specifications section
2 B B B
Actuator Type
Actuator Color
3
Actuator Marking
3
1
Non-lighted
A
Amber
B
Black
B
Blank
2
Lighted
B
Black
D
O
––
G
Green
G
–
=
L
Blue
R
Red
3Black actuator is only available for non-lighted; others only for lighted. Only non-lighted actuators can be marked.


Similar Part No. - KDH3BNA2ABG

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KDH3BNA1BBB CHERRY-KDH3BNA1BBB Datasheet
311Kb / 2P
Sealed Rocker Switch Double Pole
More results

Similar Description - KDH3BNA2ABG

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
Sealed Rocker Switch Single Pole
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
Sealed Rocker Switch Double Pole
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
Sealed Rocker Switch
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
Sealed Rocker Switch Single Pole
logo
ZF Friedrichshafen AG
KCA2ALA2RBB ZFSWITCHES-KCA2ALA2RBB Datasheet
271Kb / 2P
Sealed Rocker Switch
KGC2ANB1BBD ZFSWITCHES-KGC2ANB1BBD Datasheet
235Kb / 2P
Sealed Rocker Switch
KMD2AMB7BBBNR1 ZFSWITCHES-KMD2AMB7BBBNR1 Datasheet
236Kb / 2P
Sealed Rocker Switch
KRE2ALA2GBB ZFSWITCHES-KRE2ALA2GBB Datasheet
208Kb / 2P
Sealed Rocker Switch
KSF2ANB1BBD ZFSWITCHES-KSF2ANB1BBD Datasheet
273Kb / 2P
Sealed Rocker Switch
KTG2AMB2BBBRN1 ZFSWITCHES-KTG2AMB2BBBRN1 Datasheet
256Kb / 2P
Sealed Rocker Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com