Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLDY1235R Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLDY1235R
Description  Dome Lens SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLDY1235R Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLDY1235R Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLDY1235R Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VLDS1235.., VLDR1235.., VLDK1235.., VLDY1235..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 07-Jun-17
1
Document Number: 84280
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dome Lens SMD LED
DESCRIPTION
The dome lens SMD LED series has been designed in a
small untinted and clear molded package with lens for
surface mounting as gullwing or reverse gullwing version.
The VLD.1235... series is using recent ultrabright AlInGaP /
Si chip technology with high luminous flux and large chip
size allowing a high DC forward current up to 70 mA.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Product series: power
• Package: SMD dome lens
• Angle of half intensity: ± 11°
FEATURES
• Utilizing latest advanced AlInGaP technology
• Package type: surface-mount
• Package form: gullwing, reverse gullwing
• Dimensions (L x W x H in mm): 2.3 x 2.3 x 2.8
• High luminous flux and luminous intensity
• Luminous intensity and color categorized per
packing unit
• Luminous intensity ratio per packing unit
IVmax./IVmin.
≤ 1.6
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Preconditioning according to JEDEC® level 2a
• Suitable for reflow soldering according to J-STD-020
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Traffic signals and signs
• Interior and exterior lighting
• Indicator and backlighting purposes for audio, video,
LCDs switches, symbols, illuminated advertising etc.
VLD.1235R...
VLD.1235G...
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at
IF
(mA)
WAVELENGTH
(nm)
at
IF
(mA)
FORWARD
VOLTAGE
(V)
at
IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP. MAX.
VLDS1235G
Super red
5600
11 000 22 400
50
626
630
637
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDS1235R
Super red
5600
11 000 22 400
50
626
630
637
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDR1235G
Red
9000
14 500 35 500
50
619
624
631
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDR1235R
Red
9000
14 500 35 500
50
619
624
631
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDK1235G
Amber
9000
18 000 35 500
50
611
616
621
50
1.9
2.25
2.7
50
AlInGaP on Si
VLDK1235R
Amber
9000
18 000 35 500
50
611
616
621
50
1.9
2.25
2.7
50
AlInGaP on Si
VLDY1235G
Yellow
9000
18 000 35 500
50
583
589
595
50
1.9
2.3
2.7
50
AlInGaP on Si
VLDY1235R
Yellow
9000
18 000 35 500
50
583
589
595
50
1.9
2.3
2.7
50
AlInGaP on Si
VLDS1235G-08
Super red
5600
11 000 22 400
50
626
630
637
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDS1235R-08
Super red
5600
11 000 22 400
50
626
630
637
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDR1235G-08
Red
9000
14 500 35 500
50
619
624
631
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDR1235R-08
Red
9000
14 500 35 500
50
619
624
631
50
1.9
2.2
2.7
50
AlInGaP on Si
VLDK1235G-08
Amber
9000
18 000 35 500
50
611
616
621
50
1.9
2.25
2.7
50
AlInGaP on Si
VLDK1235R-08
Amber
9000
18 000 35 500
50
611
616
621
50
1.9
2.25
2.7
50
AlInGaP on Si
VLDY1235G-08
Yellow
9000
18 000 35 500
50
583
589
595
50
1.9
2.3
2.7
50
AlInGaP on Si
VLDY1235R-08
Yellow
9000
18 000 35 500
50
583
589
595
50
1.9
2.3
2.7
50
AlInGaP on Si
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - VLDY1235R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLDY1235R VISHAY-VLDY1235R Datasheet
238Kb / 11P
Dome Lens SMD LED
27-Feb-15
VLDY1235R VISHAY-VLDY1235R Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDY1235R VISHAY-VLDY1235R Datasheet
317Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDY1235R-08 VISHAY-VLDY1235R-08 Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDY1235R-08 VISHAY-VLDY1235R-08 Datasheet
317Kb / 13P
Dome Lens SMD LED
07-Jun-17
More results

Similar Description - VLDY1235R

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDS1235 VISHAY-VLDS1235 Datasheet
238Kb / 11P
Dome Lens SMD LED
27-Feb-15
VLDX1235 VISHAY-VLDX1235 Datasheet
319Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDX1535 VISHAY-VLDX1535 Datasheet
322Kb / 11P
Dome Lens SMD LED
07-Mar-17
logo
HK TO-GRACE TECHNOLOGY ...
VLDB1232G-08 TO-GRACE-VLDB1232G-08 Datasheet
745Kb / 10P
Dome Lens SMD LED
VLDS1535G-08 TO-GRACE-VLDS1535G-08 Datasheet
905Kb / 11P
Dome Lens SMD LED
logo
Vishay Siliconix
VLDTG1232 VISHAY-VLDTG1232 Datasheet
236Kb / 10P
Dome Lens SMD LED
12-Feb-2019
VLDTG1232 VISHAY-VLDTG1232_V01 Datasheet
235Kb / 10P
Dome Lens SMD LED
12-Feb-2019
VLDY1235 VISHAY-VLDY1235_V02 Datasheet
317Kb / 13P
Dome Lens SMD LED
07-Jun-17
VLDY1535 VISHAY-VLDY1535_V02 Datasheet
315Kb / 11P
Dome Lens SMD LED
07-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com