Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMF23Q2S1 Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMF23Q2S1
Description  Vishay Semiconductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMF23Q2S1 Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMF23Q2S1 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMF23Q2S1 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
VLMK23.., VLMF23.., VLME23..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 23-Feb-18
4
Document Number: 81681
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Forward Voltage
Fig. 4 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Relative Intensity vs. Wavelength
0
5
10
15
20
25
30
35
40
0
20406080
100
120
Tamb - Ambient Temperature (°C)
17524
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
1.0
1.5
2.0
2.5
3.0
VF - Forward Voltage (V)
17509
red
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1020 3040 5060 7080 90 100
T
amb - Ambient Temperature (°C)
17510
I
F = 20 mA
red
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
17511
red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600
620
640
660
680
700
- Wavelength (nm)
17512
red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com