Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB2734B-LW100-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AB2734B-LW100-R
Description  27mm diameter ceramic piezo bender with 3,400 Hz resonant frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AB2734B-LW100-R Datasheet(HTML) 3 Page - PUI audio inc.

  AB2734B-LW100-R Datasheet HTML 1Page - PUI audio inc. AB2734B-LW100-R Datasheet HTML 2Page - PUI audio inc. AB2734B-LW100-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A ( 15 : 1 )
A
Bender
AB2734B
RABL
S.J.
4/11/2002
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/13/2010
Date
Date
4/12/2002
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
AB2734B.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
4/11/2002
A
REVISED TO NEW TEMPLATE
9/19/2003
R.W.
B
REVISED SPECIFICATIONS
1/13/2004
R.W.
C
REVISED DIMENSIONS SIZE AND STYLE
1/24/2006
B.R.
D
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
8/13/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RESONANT FREQUENCY
3,400
500
Hz
RESONANT IMPEDANCE (MAX)
1,000
Ohm
MAX INPUT VOLTAGE
30
Vp-p
CAPACITANCE @ 1kHZ
13,000
30%
pF
PLATE MATERIAL
BRASS
-
OPERATING TEMPERATURE
-20 ~ +60
C
STORAGE TEMPERATURE
-20 ~ +70
C
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
0.53
0.1
0.3
0.05
14.6
0.5
27
0.1
2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com