Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-PSML110/12 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-PSML110/12
Description  Low Ohmic PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSML110/12 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-PSML110/12 Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSML110/12 Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSML110/12 Datasheet HTML 3Page - Bourns Electronic Solutions MF-PSML110/12 Datasheet HTML 4Page - Bourns Electronic Solutions MF-PSML110/12 Datasheet HTML 5Page - Bourns Electronic Solutions MF-PSML110/12 Datasheet HTML 6Page - Bourns Electronic Solutions MF-PSML110/12 Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Thermal Derating Table - Ihold (Amps)
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-PSML075/12
1.12
1.01
0.95
0.75
0.64
0.58
0.52
0.47
0.37
MF-PSML110/12
1.65
1.48
1.40
1.10
0.94
0.85
0.77
0.69
0.55
MF-PSML125/12
1.87
1.69
1.59
1.25
1.06
0.96
0.87
0.79
0.62
MF-PSML150/12
2.25
2.02
1.90
1.50
1.28
1.16
1.05
0.94
0.75
MF-PSML175/12
2.62
2.36
2.22
1.75
1.49
1.35
1.22
1.10
0.87
MF-PSML200/12
2.99
2.70
2.54
2.00
1.70
1.54
1.39
1.26
0.99
MF-PSML250/12
3.75
3.38
3.18
2.50
2.13
1.92
1.75
1.57
1.24
MF-PSML260/12
3.89
3.51
3.30
2.60
2.21
2.01
1.81
1.63
1.29
MF-PSML300/12
4.49
4.05
3.80
3.00
2.55
2.31
2.09
1.89
1.49
MF-PSML350/8
5.24
4.72
4.44
3.50
2.98
2.70
2.44
2.20
1.74
MF-PSML380/8
5.69
5.12
4.82
3.80
3.24
2.93
2.65
2.39
1.89
MF-PSML400/8
5.99
5.39
5.07
4.00
3.41
3.09
2.79
2.51
1.99
MF-PSML450/8
6.74
6.07
5.71
4.50
3.83
3.47
3.14
2.83
2.24
Typical Part Marking
How to Order
MF - PSML 200 / 12 - 2
Multifuse®
Product Designator
Series
PSML = 0805 Low Ohmic
Surface Mount Component
Hold Current, Ihold
075 ~ 400 (0.75 ~ 4.5 Amps)
Maximum Voltage, Vmax
12 = 12 Volts
8 = 8 Volts
Packaging
-2 = Tape and Reel Packaged per EIA-481
PART IDENTIFICATION:
MF-PSML075/12 = D2
MF-PSML110/12 = E2
MF-PSML125/12 = F2
MF-PSML150/12 = G2
MF-PSML175/12 = H2
MF-PSML200/12 = J2
MF-PSML250/12 = M2
MF-PSML260/12 = N2
MF-PSML300/12 = P2
MF-PSML350/8 = S8
MF-PSML380/8 = V8
MF-PSML400/8 = U8
MF-PSML450/8 = X8
J2
Represents total content. Layout may vary.
Manufacturing date code is located on packaging label



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com