Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7028C-R10M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP7028C-R10M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7028C-R10M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP7028C-R10M Datasheet HTML 1Page - Bourns Electronic Solutions SRP7028C-R10M Datasheet HTML 2Page - Bourns Electronic Solutions SRP7028C-R10M Datasheet HTML 3Page - Bourns Electronic Solutions SRP7028C-R10M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SRF0504 Series - Line Filter
SRP7028C Series - Shielded Power Inductors
L vs. I Charts (Continued)
0.180
0.144
0.108
0.072
0.036
0
80
64
48
32
16
0
0
14
28
42
56
70
DC Current (A)
SRP7028C-R10M
0.40
0.32
0.24
0.16
0.08
0
1.20
0.96
0.72
0.48
0.24
0
3.5
2.8
2.1
1.4
0.7
0
12.0
9.6
7.2
4.8
2.4
0
25
20
15
10
5
0
0.55
0.44
0.33
0.22
0.11
0
1.80
1.44
1.08
0.72
0.36
0
5.5
4.4
3.3
2.2
1.1
0
16.0
12.8
9.6
6.4
3.2
0
0.80
0.64
0.48
0.32
0.16
0
2.5
2.0
1.5
1.0
0.5
0
9.0
7.2
5.4
3.6
1.8
0
15
12
9
6
3
0
40
32
24
16
8
0
100
80
60
40
20
0
90
72
54
36
18
0
90
72
54
36
18
0
90
72
54
36
18
0
80
64
48
32
16
0
90
72
54
36
18
0
100
80
60
40
20
0
100
80
60
40
20
0
90
72
54
36
18
0
90
72
54
36
18
0
90
72
54
36
18
0
100
80
60
40
20
0
100
80
60
40
20
0
90
72
54
36
18
0
0
9
18
27
36
45
0
6
12
18
24
30
0
8
16
24
32
40
0
7
14
21
28
35
DC Current (A)
DC Current (A)
0
3.6
7.2
10.8
14.4
18.0
DC Current (A)
0
1.8
3.6
5.4
7.2
9.0
DC Current (A)
0
1
2
3
4
5
DC Current (A)
DC Current (A)
0
5
10
15
20
25
DC Current (A)
0
3
6
9
12
15
DC Current (A)
0
1.5
3.0
4.5
6.0
7.5
DC Current (A)
DC Current (A)
0
4
8
12
16
20
DC Current (A)
0
2.8
5.6
8.4
11.2
14.0
DC Current (A)
0
1.6
3.2
4.8
6.4
8.0
DC Current (A)
0
0.84
1.68
2.52
3.36
4.20
DC Current (A)
SRP7028C-R25M
SRP7028C-R68M
SRP7028C-2R2M
SRP7028C-6R8M
SRP7028C-150M
SRP7028C-R33M
SRP7028C-1R0M
SRP7028C-3R3M
SRP7028C-8R2M
SRP7028C-R47M
SRP7028C-1R5M
SRP7028C-4R7M
SRP7028C-100M
SRP7028C-220M
0.25
0.20
0.15
0.10
0.05
0
120
96
72
48
24
0
0
14
28
42
56
70
DC Current (A)
SRP7028C-R15M
0.380
0.304
0.228
0.152
0.076
0
100
80
60
40
20
0
0
9
18
27
36
45
DC Current (A)
SRP7028C-R24M
Electrical Schematic
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
16.4 +0.20 / -0
(.646 +.008 / -0)
2.0 ± 0.50
(.079 ± .020)
330
(12.99) DIA.
DIA.
13.0 +0.5 / -0.2
(.512 +.020 / -.008)
13.0 +0.5 / -0.2
(.512 +.020 / -.008)
DIA.
100.0 ± 2.0
(3.937 ± .079)
COVER TAPE
EMBOSSED CARRIER
7.7 ± 0.10
(.303 ± .004)
7.0 ± 0.10
(.276 ± .004)
3.3 ± 0.10
(.130 ± .004)
12.0 ± 0.10
(.472 ± .004)
16.0 ± 0.30
(.630 ± .012)
7.5 ± 0.10
(.295 ± .004)
0.35 ± 0.05
(.014 ± .002)
DIA.
1.5 ± 0.10
(.059 ± .004)
2.0
(.079)
4.0
(.157)
USER DIRECTION OF FEED
Packaging Specifications
05/19
1,000PIECESPERREEL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com