Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP7028C-R33M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP7028C-R33M
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP7028C-R33M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP7028C-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP7028C-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP7028C-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP7028C-R33M Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Lowbuzznoise
n
Inductancerange:0.10to22µH
n
RoHScompliant*andhalogenfree**
SRP7028C Series - Shielded Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
................................. -40 °C to +125 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise ... 40 °C at rated Irms1
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
Note 1: Circuit design, component, PCB trace
size and thickness, airflow and other cooling
provisions all affect the part temperature.
Part temperature should be verified in the end
application.
Electrical Specifications @ 25 °C
General Specifications
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ..............................Sn/Ni
Packaging..... 1000 pcs. per 13-inch reel
Materials
Product Dimensions
Recommended Layout
How to Order
SRP7028C - 100M
Model
Value Code (see table)
Bourns
Part Number
Inductance
@ 100 kHz
/ 1 V
Q (Min.)
@100 kHz
/ 1 V
SRF
(MHz)
Typ.
DCR
(mW)
Typ.
DCR
(mW)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
Terminal
Type
L (µH)
Tol.
(%)
SRP7028C-R10M 0.10 ± 20
5
196
1.2
1.7 37.5
60.0
Lead
Frame
SRP7028C-R15M 0.15 ± 20
5
190
1.5
1.9 27.0
50.0
SRP7028C-R24M 0.24 ± 30
10
118
2.5
3.1 23.0
39.0
SRP7028C-R25M 0.25 ± 20
10
118
2.5
3.1 23.0
39.0
SRP7028C-R33M 0.33 ± 20
10
115
3.5
3.9 20.0
32.0
SRP7028C-R47M 0.47 ± 20
10
62
4.0
4.3 17.5
27.0
SRP7028C-R68M 0.68 ± 20
15
55
4.8
5.5 15.5
25.0
SRP7028C-1R0M 1.00 ± 20
15
45
8.3
10.0 11.0
22.0
SRP7028C-1R5M 1.50 ± 20
15
40
11.0
14.0
9.0
18.0
SRP7028C-2R2M 2.20 ± 20
15
32
15.0
18.0
8.0
14.0
SRP7028C-3R3M 3.30 ± 20
15
25
27.0
30.0
6.0
13.5
SRP7028C-4R7M 4.70 ± 20
15
21
37.0
40.0
5.5
10.0
SRP7028C-6R8M 6.80 ± 20
15
16
54.0
60.0
4.5
8.3
SRP7028C-8R2M 8.20 ± 20
15
15
60.0
66.0
4.1
6.8
SRP7028C-100M 10.00 ± 20
15
14
63.0
68.0
3.5
6.0
SRP7028C-150M 15.00 ± 20
20
12
107.0 123.0
3.0
4.0
SRP7028C-220M 22.00 ± 20
20
10
155.0 180.0
2.2
3.6
Soldering Profile
1R0
1907H
7.1 ± 0.30
(.280 ± .012)
6.6 ± 0.20
(.260 ± .008)
2.8 ± 0.20
(.110 + .008)
1.6 ± 0.30
(.063 ± .012)
1.8 ± 0.30
(.071 ± .012)
3.0 ± 0.20
(.118 ± .008)
1R0
1906H
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
Please consult Bourns® Model SRP-A
Series Visual Inspection Guide for detailed
construction, processing and testing
information.
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageof
thisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
8.0
(.315)
3.4
(.134)
3.7
(.146)
DIMENSIONS:
MM
(INCHES)
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov


Similar Part No. - SRP7028C-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP7028CC BOURNS-SRP7028CC Datasheet
155Kb / 5P
SRP7028CC Series - Shielded Power Inductors
REV. 07/23
SRP7028CC-100M BOURNS-SRP7028CC-100M Datasheet
155Kb / 5P
SRP7028CC Series - Shielded Power Inductors
REV. 07/23
SRP7028CC-150M BOURNS-SRP7028CC-150M Datasheet
155Kb / 5P
SRP7028CC Series - Shielded Power Inductors
REV. 07/23
SRP7028CC-1R0M BOURNS-SRP7028CC-1R0M Datasheet
155Kb / 5P
SRP7028CC Series - Shielded Power Inductors
REV. 07/23
SRP7028CC-1R5M BOURNS-SRP7028CC-1R5M Datasheet
155Kb / 5P
SRP7028CC Series - Shielded Power Inductors
REV. 07/23
More results

Similar Description - SRP7028C-R33M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com