Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI-2437-TWT-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AI-2437-TWT-R
Description  24mm diameter, 3-16 VDC self-drive indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AI-2437-TWT-R Datasheet(HTML) 3 Page - PUI audio inc.

  AI-2437-TWT-R Datasheet HTML 1Page - PUI audio inc. AI-2437-TWT-R Datasheet HTML 2Page - PUI audio inc. AI-2437-TWT-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Indicator
AI-2437-TWT-R
R.A.C.
R.W.
10/11/2007
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
8/19/2004
Date
Date
8/19/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-2437-TWT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
8/19/2004
A
REMOVE LEAD FREE ADD RoHS STATEMENT
8/10/2005
B.R.
B
REVISED TERMINAL MATERIAL
3/21/2006
B.R.
C
REVISED TO INTENTOR 3-D DRAWING TEMPLATE
10/11/2007
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
12
Vdc
OPERATING VOLTAGE RANGE
3 ~ 16
Vdc
RATED CURRENT (MAX)
8mA
MINIMUM SPL @ 10 CM
100
dBA
RESONANT FREQUENCY
3,700 ± 500
Hz
TONE OR PULSE RATE
CONTINUOUS 0 pulse /sec
OPERATING TEMPERATURE
-20 ~ +60
°C
STORAGE TEMPERATURE
-20 ~ +70
°C
HOUSING MATERIAL
ABS 777
-
TERMINAL MATERIAL
Sn PLATED
COPPER
-
WEIGHT
6
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
n24
n6.2
5
18
0.8
`0.1 (2)
15
POTTING
REMOVABLE
WASH TAB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com