Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRG22A2CWCNN Datasheet(PDF) 2 Page - ZF Friedrichshafen AG

Part # WRG22A2CWCNN
Description  Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

WRG22A2CWCNN Datasheet(HTML) 2 Page - ZF Friedrichshafen AG

  WRG22A2CWCNN Datasheet HTML 1Page - ZF Friedrichshafen AG WRG22A2CWCNN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cherryswitches.com
Page 2 of 2, Last update 2015-09-11, Specifications subject to change without notice.
Electrical Specifications
Inrush Rating – 2 position
48 A
Inrush Rating – 3 position
24 A
Dielectric Strength
1000 VAC for 1 minute
Insulation Resistance
100 MΩ min at 500 VDC
Initial Contact Resistance
0.020 Ω max
Electrical Ratings
Switch Function
EN61058-1
UL Gen Purpose 1054
UL HP
ALL
16 (4) A 250 V~ T125/55
16 A 125 VAC / 16 A 250 VAC
¼ HP 125 VAC, ¾ HP 250 VAC
Electrical Life at Rated Load
VDE
UL
Minimum Operations
10,000
6,000
UL File No: E23301
Material and Environmental Specifications
Actuator, non-lighted
Nylon 66 94V-2
Actuator, lighted
Polycarbonate
Base
Nylon 66 94V-2
Spring
Steel Wire
Contacts
Silver Alloy
Movable Arm
Silver-Plated Copper Alloy
Terminals
Tin-Plated Copper Alloy
Operating Temperature Range - VDE
-20
OC to +65 OC (-4 OF to +149 OF)
Circuitry and Switch Functions
Dimensions mm (inches)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com