Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2958 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2958
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2958 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2958 Datasheet HTML 9Page - RF Micro Devices RF2958 Datasheet HTML 10Page - RF Micro Devices RF2958 Datasheet HTML 11Page - RF Micro Devices RF2958 Datasheet HTML 12Page - RF Micro Devices RF2958 Datasheet HTML 13Page - RF Micro Devices RF2958 Datasheet HTML 14Page - RF Micro Devices RF2958 Datasheet HTML 15Page - RF Micro Devices RF2958 Datasheet HTML 16Page - RF Micro Devices RF2958 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
11-275
RF2958
Rev A0 050209
REGISTER DETAILS
The individual registers and bits are described below. A write instruction to address 11111 causes global reset. All pro-
gramming values are binary unless otherwise specified.
Configuration Register 1 (CFG1)-Address 00000
IF PLL Register 1 (IFPLL1)-Address 00001
Location
Bit Name
Default
Function
CFG1(17:16)
reserved
00
Reserved, program to zero (0)
CFG1(15:14)
REF_SEL(1:0)
00
Reference Divider Value
0
0
Divide by 2
1/2 high, 1/2 low
0
1
Divide by 3
1/3 high, 2/3 low
1
0
Divide by 44
1/44 high, 43/44 low
1
1
Divide by 1 (bypass)
CFG1(3)
HYBERNATE
0
Sleep Mode Current
0=nominal sleep mode current
1=very low sleep mode current
CFG1(2)
RF_VCO_
REG_EN
1
RF VCO Regulator Enable
0=disabled
1=enabled
CFG1(1)
IF_VCO_
REG_EN
1
IF VCO Regulator Enable
0=disabled
1=enabled
CFG1(0)
IF_VGA_
REG_EN
1
IF VGA Regulator Enable
0=disabled
1=enabled
Location
Bit Name
Default
Function
IFPLL1(17)
PLL_EN1
0
IF PLL Enable
0=disabled
1=enabled
IFPLL1(16)
KV_EN1
0
IF PLL KV Calibration Enable
0=disabled
1=enabled
IFPLL1(15)
VTC_EN1
1
IF PLL Coarse Tune Enable
0=VCO coarse tuning system is disabled
1=VCO coarse tuning system is enabled
IFPLL1(14)
LPF1
0
IF PLL Loop Filter Bypass
0=Internal loop filter is used
1=Internal loop filter is bypassed and External loop filter is used
IFPLL1(13)
CPL1
0
IF PLL Charge Pump Leakage Current
0=minimum value
1=2xminimum value
IFPLL1(12)
PDP1
1
IF PLL Phase Detector Polarity
0=positive, VCO frequency increases with increasing tuning voltage
1=negative, VCO frequency decreases with increasing tuning voltage
IFPLL1(11)
AUTOCAL_
EN1
0
IF PLL Auto Calibration Enable
0=disabled
1=enabled
IFPLL1(10)
LD_EN1
0
IF PLL Lock Detect Enable
0=disabled
1=enabled
IFPLL1(9)
P1
0
IF PLL Prescaler Modulus
0=4/5 Mode
1=8/9 Mode
IFPLL1(8:4)
Reserved
00000
Reserved, program to zero (0)
IFPLL1(3:0)
DAC1(3:0)
3h
IF VCO Coarse Tuning Voltage
LPF_V1=int (coarse tuning voltage/VDD)x16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com