Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5302A Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM5302A
Description  3-channel Video Buffer with Built-in wideband LPF
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302A Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM5302A Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 23Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 24Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—21
Table 3. Direct mode recommended input DC voltage range (VCC = 5V)
Mode
setting
Gain
fc mode
Filter/Bypass
mode
Sag
compensation
circuit*1
Channel
VL [V]
VH [V]
h0
0dB
Standard
Filter
Used
CH-1
1.5
3.5
CH-2, CH-3
Not used
CH-1
1.3
3.7
CH-2, CH-3
i0
Half
Used
CH-1
1.5
3.5
CH-2, CH-3
1.6
3.6
Not used
CH-1
1.3
3.7
CH-2, CH-3
1.5
3.7
j0
−
Bypass
Used
CH-1
1.0
3.3
CH-2, CH-3
Not used
CH-1
1.1
3.6
CH-2, CH-3
h6
6dB
Standard
Filter
Used
CH-1
1.7
3.0
CH-2, CH-3
Not used
CH-1
1.6
3.1
CH-2, CH-3
i6
Half
Used
CH-1
1.7
3.0
CH-2, CH-3
1.8
2.95
Not used
CH-1
1.6
3.1
CH-2, CH-3
1.7
3.0
j6
−
Bypass
Used
CH-1
1.4
2.9
CH-2, CH-3
Not used
CH-1
1.4
2.9
CH-2, CH-3
*1. Refer to figure 4 or 5 in “Sag Compensation Circuit”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com