Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2777056 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2777056
Description  UDK-RELG 4
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2777056 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2777056 Datasheet HTML 1Page - PHOENIX CONTACT 2777056 Datasheet HTML 2Page - PHOENIX CONTACT 2777056 Datasheet HTML 3Page - PHOENIX CONTACT 2777056 Datasheet HTML 4Page - PHOENIX CONTACT 2777056 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UDK-RELG 4 Order No.: 2777056
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2777056
PHOENIX CONTACT Deutschland GmbH
Page 2 / 5
http://www.phoenixcontact.de
Feb 25, 2011
Nominal current IN
16 A (current is determined by the coupling connector.)
Color
gray
Insulating material
PA
Width
27 mm
Height
63.6 mm
Depth
113 mm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Type of connection
Screw connection
Stripping length
7 mm
Screw thread
M3
Certificates / Approvals
Certification
CUL, GOST, UL
Accessories
Item
Designation
Description
Assembly
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7.5 DIN rail
0201595
FB-150 METER
Cross connection rail, for fixed bridging of identical inputs and
outputs, made of Cu, nickel-plated, 1 m long
3004207
VS
Connection pin, Length: 1000 mm, Color: white
2303608
ZSR
Distance piece, metal, for branches of FB-150, with screw and
thrust washer



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com