Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2799720 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2799720
Description  FO connectors - PSM-SET-FSMA/4-KT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2799720 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2799720 Datasheet HTML 1Page - PHOENIX CONTACT 2799720 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2799720
03/19/2019   Page 1 / 2
FO connectors - PSM-SET-FSMA/4-KT - 2799720
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
F-SMA plug set for polymer fiber, for self assembly consisting of 4 quick mounting connectors with bend
protection sleeve
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918156053
Technical data
General
Attenuation
< 1.5 dB
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Approvals
Approvals
Approvals
EAC
Ex Approvals


Similar Part No. - 2799720

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2799770000 WEIDMULLER-2799770000 Datasheet
449Kb / 7P
BLF 3.50/04/180 SN OR BX SO
2799780000 WEIDMULLER-2799780000 Datasheet
453Kb / 7P
BLF 3.50/06/180 SN OR BX SO
More results

Similar Description - 2799720

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1855703 PHOENIX-1855703 Datasheet
60Kb / 2P
Fiber optic contact insert - VC-FSMA-M-KT-2 SET
1885994 PHOENIX-1885994 Datasheet
59Kb / 2P
F-SMA connector - Q-FSMA-KT
2313070 PHOENIX-2313070 Datasheet
45Kb / 2P
FO connectors - PSM-SET-SCRJ-DUP/2-HCS
2313546 PHOENIX-2313546 Datasheet
51Kb / 1P
FO connectors - PSM-SET-SCRJ-DUP/2-HCS/PN
2313779 PHOENIX-2313779 Datasheet
51Kb / 1P
FO connectors - PSM-SET-SC-DUPLEX/2-HCS/PN
2313782 PHOENIX-2313782 Datasheet
49Kb / 1P
FO connectors - PSM-SET-B-FOC/4-HCS/PN
2708481 PHOENIX-2708481 Datasheet
53Kb / 2P
FO connectors - PSM-SET-B-FOC/4-HCS
2708656 PHOENIX-2708656 Datasheet
45Kb / 2P
FO connectors - PSM-SET-SCRJ-DUP/2-POF
2799416 PHOENIX-2799416 Datasheet
67Kb / 3P
Fiber optic coupling - PSM-SET-FSMA-LINK/2
2799487 PHOENIX-2799487 Datasheet
57Kb / 3P
FO plug connectors - PSM-SET-FSMA/4-HCS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com