Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC16HCM Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC16HCM
Description  TRICAS Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC16HCM Datasheet(HTML) 2 Page - ON Semiconductor

  MAC16HCM Datasheet HTML 1Page - ON Semiconductor MAC16HCM Datasheet HTML 2Page - ON Semiconductor MAC16HCM Datasheet HTML 3Page - ON Semiconductor MAC16HCM Datasheet HTML 4Page - ON Semiconductor MAC16HCM Datasheet HTML 5Page - ON Semiconductor MAC16HCM Datasheet HTML 6Page - ON Semiconductor MAC16HCM Datasheet HTML 7Page - ON Semiconductor MAC16HCM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC16HCD, MAC16HCM, MAC16HCN
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance
— Junction to Case
— Junction to Ambient
R
θJC
R
θJA
2.2
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
TJ = 25°C
(VD = Rated VDRM, VRRM, Gate Open)
TJ = 125°C
IDRM,
IRRM
—
—
—
—
0.01
2.0
mA
ON CHARACTERISTICS
Peak On–State Voltage(1) (ITM = "21 A Peak)
VTM
—
—
1.6
Volts
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IGT
10
10
10
16
18
22
50
50
50
mA
Holding Current (VD = 12 V, Gate Open, Initiating Current = "150 mA)
IH
—
20
50
mA
Latch Current (VD = 12 V, IG = 50 mA)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
IL
—
—
—
33
36
33
60
80
60
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 Ω)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
VGT
0.5
0.5
0.5
0.80
0.73
0.82
1.5
1.5
1.5
Volts
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current
(VD = 400 V, ITM = 6A, Commutating dv/dt = 20 V/µs, CL = 10 µF
Gate Open, TJ = 125°C, f = 250 Hz, with Snubber) LL = 40 mH
(di/dt)c
15
—
—
A/ms
Critical Rate of Rise of Off–State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dv/dt
750
—
—
V/
µs
Repetitive Critical Rate of Rise of On-State Current
IPK = 50 A; PW = 40
µsec; diG/dt = 200 mA/µsec; f = 60 Hz
di/dt
—
—
10
A/
µs
(1) Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com