Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC16HCN Datasheet(PDF) 1 Page - ON Semiconductor

Part # MAC16HCN
Description  TRICAS Silicon Bidirectional Thyristors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC16HCN Datasheet(HTML) 1 Page - ON Semiconductor

  MAC16HCN Datasheet HTML 1Page - ON Semiconductor MAC16HCN Datasheet HTML 2Page - ON Semiconductor MAC16HCN Datasheet HTML 3Page - ON Semiconductor MAC16HCN Datasheet HTML 4Page - ON Semiconductor MAC16HCN Datasheet HTML 5Page - ON Semiconductor MAC16HCN Datasheet HTML 6Page - ON Semiconductor MAC16HCN Datasheet HTML 7Page - ON Semiconductor MAC16HCN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
February, 2000 – Rev. 0
1
Publication Order Number:
MAC16HC/D
MAC16HCD, MAC16HCM,
MAC16HCN
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave ac control applications, such as
motor controls, heating controls or dimmers; or wherever full–wave,
silicon gate–controlled devices are needed.
• High Commutating di/dt and High Immunity to dv/dt @ 125°C
• Uniform Gate Trigger Currents in Three Quadrants, Q1, Q2, and Q3
• Blocking Voltage to 800 Volts
• On–State Current Rating of 16 Amperes RMS at 80°C
• High Surge Current Capability — 150 Amperes
• Industry Standard TO–220AB Package for Ease of Design
• Glass Passivated Junctions for Reliability and Uniformity
• Device Marking: Logo, Device Type, e.g., MAC16HCD, Date Code
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off–State Voltage(1)
(TJ = –40 to 125°C, Sine Wave,
50 to 60 Hz, Gate Open)
MAC16HCD
MAC16HCM
MAC16HCN
VDRM,
VRRM
400
600
800
Volts
On–State RMS Current
(Full Cycle Sine Wave 50 to 60 Hz;
TC = 80°C)
IT(RMS)
16
A
Peak Non-Repetitive Surge Current
(One Full Cycle, 60 Hz, TJ = 125°C)
ITSM
150
A
Circuit Fusing Consideration(2)
(t = 8.33 ms)
I2t
93
A2sec
Peak Gate Power
(Pulse Width
≤ 1.0 µs, TC = 80°C)
PGM
20
Watts
Average Gate Power
(t = 8.3 ms, TC = 80°C)
PG(AV)
0.5
Watts
Operating Junction Temperature Range
TJ
– 40 to
+125
°C
Storage Temperature Range
Tstg
– 40 to
+150
°C
(1) VDRM and VRRM for all types can be applied on a continuous basis. Blocking
voltages shall not be tested with a constant current source such that the
voltage ratings of the devices are exceeded.
TRIACS
16 AMPERES RMS
400 thru 800 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MAC16HCD
TO220AB
50 Units/Rail
MAC16HCM
TO220AB
MAC16HCN
TO220AB
TO–220AB
CASE 221A
STYLE 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
http://onsemi.com
50 Units/Rail
50 Units/Rail
MT1
G
MT2


Similar Part No. - MAC16HCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC16HCN ONSEMI-MAC16HCN Datasheet
62Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 1
MAC16HCNG ONSEMI-MAC16HCNG Datasheet
62Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 1
More results

Similar Description - MAC16HCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com