Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP86FS49 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TMP86FS49
Description  Highly Integrated 8-Bit Flash Microcontroller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TMP86FS49 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TMP86FS49 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
55
MIP Edition 1/2005
The TMP86FS49 is a new
8-bit microcontroller
incorporating 60 Kbytes of
Flash memory and a large
number of on-chip peripheral
functions such as UART
(2 channels), synchronous
serial interface (2 channels)
and I2C bus interface
(1 channel) as communi-
cation functions. It includes a
10-bit A/D converter, various
timers and is available in
three types of package,
making it ideal for consumer
and industrial applications,
and for networked home
appliances.
The microcontroller supports
on-board programming and
offers enhanced security
functionality to protect
the user program against
unauthorized external
read-out. The high-speed
microcontroller CPU has a
low power consumption.
Key Features
• TLCS-870/C CPU core with
internal 8-bit architecture
• Flash memory: 60 Kbytes
• RAM: 2 Kbytes
• 24 interrupt sources
(external: 5, internal: 19)
• Input/output ports (56 pins)
• 16-bit timer counter:
2 channels (timer, event
counter, external trigger
timer, window, pulse width
measurement, PPG output
modes)
• Time base timer
• Watchdog timer
TMP86FS49
Highly Integrated 8-Bit Flash
Microcontroller
from Toshiba
Roberto Premoli, EBV Milano
• 8-bit timer counter:
4 channels (timer, event
counter, programmable
divider output, PWM
output, capture modes)
• Serial interfaces:
UARTs, SIO, I2C bus
• 10-bit precision A/D
converter: 16 channels
• Key-on wake-up:
4 channels
• Nine power-saving
operating modes
• Wide operating voltage:
4.5…5.5 V @ 16 MHz and
32.768 kHz subclock
2.7…5.5 V @ 8 MHz and
32.768 kHz subclock
• Packages: 64-pin QFP,
LQFP, SDIP
Software and Tools
Besides a high-end real-time
emulator for the TLCS-870/C
family, a low-cost starter
kit (BMSKTOPAS86FS49A)
including IDE, ROM monitor,
simulator debugger, Flash
programmer, compiler
(limited version), application
notes and evaluation board is
available.
TMP86FS49 Block Diagram
100-
up p
rice
TMP
86FS
49FG
(Z)
€ 3.77
100-
up p
rice
TMP
86FS
49UG
(JZ)
€ 3.77


Similar Part No. - TMP86FS49

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP86FS49AFG TOSHIBA-TMP86FS49AFG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86FS49AIFG TOSHIBA-TMP86FS49AIFG Datasheet
2Mb / 296P
8 Bit Microcontroller
TMP86FS49AIUG TOSHIBA-TMP86FS49AIUG Datasheet
2Mb / 296P
8 Bit Microcontroller
TMP86FS49AUG TOSHIBA-TMP86FS49AUG Datasheet
2Mb / 294P
8 Bit Microcontroller
TMP86FS49BFG TOSHIBA-TMP86FS49BFG Datasheet
2Mb / 294P
8 Bit Microcontroller
More results

Similar Description - TMP86FS49

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
CMOS 16-bit highly integrated microcontroller
1999 Sep 24
logo
ATMEL Corporation
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
ATMEL Corporation
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
8-bit Flash Microcontroller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com