Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25D Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 25D
Description  25D Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

25D Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  25D Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 25D Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 25D Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High-Energy Varistors
Trustworthy electronic circuit protection
expert
25D series
www.yint.com.cn
Rev:19.3
3
25D 系列 电气参数 25D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
V5A
1t
2t
(
W)
10/1000
2ms
1KHz
(V)
(V)
(V)
(A)
(A)
(PF)
25D201K
200
185-225
130
170
340
20000
15000
1.0
170
140
2.4K
25D221K
220
198-242
140
180
360
20000
15000
1.0
180
150
2.2k
25D241K
240
216-264
150
200
395
20000
15000
1.0
190
160
2.0K
25D271K
270
243-297
175
225
455
20000
15000
1.0
200
180
1.7K
25D301K
300
270-330
190
250
500
20000
15000
1.0
230
200
1.6K
25D331K
330
297-363
210
275
550
20000
15000
1.0
250
220
1.5K
25D361K
360
324-396
230
300
595
20000
15000
1.0
280
240
1.4K
25D391K
390
351-429
250
320
650
20000
15000
1.0
315
260
1.2K
25D431K
430
387-473
275
350
710
20000
15000
1.0
340
280
1.1K
25D471K
470
423-517
300
385
775
20000
15000
1.0
360
300
1.05K
25D511K
510
459-561
320
415
845
20000
15000
1.0
430
300
1.0K
25D561K
560
504-616
350
460
925
20000
15000
1.0
440
300
0.95K
25D621K
620
558-682
385
505
1025
20000
15000
1.0
460
300
0.90K
25D681K
680
612-748
420
560
1120
20000
15000
1.0
480
320
0.85K
25D751K
750
657-825
460
615
1240
20000
15000
1.0
500
340
0.80K
25D781K
780
702-858
485
640
1290
20000
15000
1.0
510
350
0.75K
25D821K
820
738-902
510
670
1355
20000
15000
1.0
525
360
0.70K
25D911K
910
819-1001
550
745
1500
20000
15000
1.0
540
390
0.65K
25D951K
951
855-1045
575
765
1580
20000
15000
1.0
560
400
0.62K
25D102K
1.0K
900-1000
625
825
1650
20000
15000
1.0
600
420
0.60K
25D122K
1.2K
1080-1320
750
980
1980
20000
15000
1.0
700
550
0.55K
25D142K
1.4K
1278-1540
870
1160
2370
20000
15000
1.0
900
680
0.52K
25D162K
1.6K
1440-1584
1000
1200
2700
20000
15000
1.0
1025
750
0.50K
25D182K
1.8K
1620-1980
1200
1450
2970
20000
15000
1.0
1150
800
0.45K
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com