Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32D Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 32D
Description  32D Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

32D Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  32D Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 32D Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 32D Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High-Energy Varistors
Trustworthy electronic circuit protection
expert
32D series
www.yint.com.cn
Rev:19.3
3
32D 系列 电气参数 32D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
Ipp200A
1t
2t
(
W)
μ
S
J
1KHz
(V)
(V)
(V)
(A)
(PF)
32D201K
200
185-225
130
170
340
25000
20000
1.2
10/1000
250
4.2K
32D221K
220
198-242
140
180
360
25000
20000
1.2
10/1000
270
3.8k
32D241K
240
216-264
150
200
395
25000
20000
1.2
10/1000
290
3.5K
32D271K
270
243-297
175
225
455
25000
20000
1.2
10/1000
300
3.2K
32D301K
300
270-330
190
250
500
25000
20000
1.2
10/1000
330
2.9K
32D331K
330
297-363
210
275
550
25000
20000
1.2
10/1000
360
2.7K
32D361K
360
324-396
230
300
595
25000
20000
1.2
10/1000
380
2.5K
32D391K
390
351-429
250
320
650
25000
20000
1.2
10/1000
400
2.3K
32D431K
430
387-473
275
350
710
25000
20000
1.2
10/1000
430
2.1K
32D471K
470
423-517
300
385
775
25000
20000
1.2
10/1000
460
1.8K
32D511K
510
459-561
320
415
845
25000
20000
1.2
10/1000
510
1.7K
32D561K
560
504-616
350
460
925
25000
20000
1.2
10/1000
540
1.6K
32D621K
620
558-682
385
505
1025
25000
20000
1.2
10/1000
570
1.3K
32D681K
680
612-748
420
560
1120
25000
20000
1.2
10/1000
600
1.2K
32D751K
750
657-825
460
615
1240
25000
20000
1.2
10/1000
620
1.1K
32D781K
780
702-858
485
640
1290
25000
20000
1.2
10/1000
660
1.0K
32D821K
820
738-902
510
670
1355
25000
20000
1.2
10/1000
700
0.96K
32D911K
910
819-1001
550
745
1500
25000
20000
1.2
10/1000
750
0.89K
32D951K
951
855-1045
575
765
1580
25000
20000
1.2
10/1000
780
0.83K
32D102K
1.0K
900-1000
625
825
1650
25000
20000
1.2
10/1000
810
0.83K
32D122K
1.2K
1080-1320
750
980
1980
25000
20000
1.2
10/1000
960
0.76K
32D142K
1.4K
1278-1540
870
1160
2370
25000
20000
1.2
10/1000
1080
0.66K
32D162K
1.6K
1440-1584
1000
1200
2700
25000
20000
1.2
10/1000
1220
0.56K
32D182K
1.8K
1620-1980
1200
1450
2970
25000
20000
1.2
10/1000
1350
0.52K
注:压敏电压测试电流
DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃
Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of
voltage-sensitive voltage: < 0.05/.
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com