Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RRA22M3EBGEN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # RRA22M3EBGEN
Description  Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

RRA22M3EBGEN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  RRA22M3EBGEN Datasheet HTML 1Page - ZF Friedrichshafen AG RRA22M3EBGEN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-09-10, Specifications subject to change without notice.
Rocker Switch
Single and Double Pole
RR Series
Features
•
Lighted and non-lighted versions
•
Industry standard cutout
•
RoHS Compliant
•
Minimum 100,000 operations mechanical life
Standard Parts
1
North America
North America and Europe
Europe
RRA22H3BBALN
RRA22H3BBRLN
RRA22H3BBBNN
RRA32H3FBBNN
RRA22H3FBBNN
RRA32H3BBRLN
RRA22H3BBGLN
RRA22H3FBRNN
RRA32H3BBBNN
RRA32H3BBGEN
RRA22H3BBRHN
RRA32H3BBRLN
RRA32H3BBREN
RRA32H3BBGLN
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
RRA22H3FBBNN
RR A 2 2 H 3
Series
Contact Rating
2
Circuitry
Switch Function
Terminal Type
Actuator Type
RR
A
2
Single pole
2
ON-OFF
H
4.8 mm (0.187”)
solder tag
3
Round
3
Double pole
M
PC thru-hole straight
2See Electrical Specifications section
F B B N N 01
Actuator Marking
Housing Color
Actuator Color
Lighted
Body Type
B
Blank
B
Black
A
Amber
N
Non-lighted
N
4
No rocker boot
D
E
Charcoal
Grey
B
Black
E
250 VAC bulb
E
O
I
W
White
E
Charcoal Grey
L
125 VAC bulb
F
Y
Grey
G
Green
G
24 VDC bulb
3
G
●
R
Red
H
12 VDC bulb
3
W
White
Y
Grey
3Switches have no agency DC ratings
4A splash-proof boot can be ordered separately as part number 00150751


Similar Part No. - RRA22M3EBGEN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
RRA22H3BBALN CHERRY-RRA22H3BBALN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
RRA22H3BBGLN CHERRY-RRA22H3BBGLN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
RRA22H3BBRHN CHERRY-RRA22H3BBRHN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
RRA22H3BBRLN CHERRY-RRA22H3BBRLN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
More results

Similar Description - RRA22M3EBGEN

ManufacturerPart #DatasheetDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
CW Industries
GRB214A2NABA1 CWIND-GRB214A2NABA1 Datasheet
53Kb / 1P
ROCKER SWITCH
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com