Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT4455 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # PT4455
Description  PLL-based OOK/ASK Transmitter IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4455 Datasheet(HTML) 2 Page - Princeton Technology Corp

  PT4455 Datasheet HTML 1Page - Princeton Technology Corp PT4455 Datasheet HTML 2Page - Princeton Technology Corp PT4455 Datasheet HTML 3Page - Princeton Technology Corp PT4455 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PT4455
V1.1
2
January 2013
APPLICATION CIRCUIT
XOUT
1
VSS
2
PAOUT
3
DIN
4
VDD
5
XIN
6
PT4455
X1
R2
R1
DIN
VDD
C5
C4
L2
L1
C3
C6
C1
C2
R3
R4
C7
R5
BILL OF MATERIALS
Part
Value
Unit
315MHz
433.92MHz
X1
9.844M
13.56M
Hz
R1
10K
10K
Ω
R2
100K
100K
Ω
R3
0
0
Ω
R4
0
0
Ω
R5
560K
560K
Ω
C1
22p
18p
F
C2
22p
18p
F
C3
1μ
1μ
F
C4
220p
220p
F
C5
8.2p
4.7p
F
C6
18p
10p
F
C7
2.2μ
2.2μ
F
L1
180n
180n
H
L2
33n
27n
H
Notes:
1. C1/C2 can be used to trim the transmitted signal frequency for matching the specified value.
2. L2/C5/C6 value will depend on PCB layout.
3. The recommend maximum ESR value of X1 is 40
Ω.
4. To populate the R5 over XIN will help to maintain good oscillation in high X1 ESR.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com