Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10D511K Datasheet(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd

Part # 10D511K
Description  Metal Oxide Varistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

10D511K Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

  10D511K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 10D511K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 10D511K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 10D511K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
10D series
www.yint.com.cn
Rev:19.3
3
10D 系列 电气参数 10D Series Electrical Parameters
型号规格
Part
NO
压敏电压
Varistor Voltage
最大允许使用
电压
Maximum
allowable voltage
最大限制电压
Maximum Limited
Voltage
通流容量
Withstanding
Surge current(8/20
μ
s)times
静态功率
Rated Wattage
能量耐量
Energy(2ms)
静态电容量
(参考值)
Typical
Capacitance
0.1mA
AC
DC
V5A
1t
2t
(
W)
10/1000
2ms
1KHz
(V)
(V)
(V)
(A)
(A)
(PF)
10D180L
18
15-21.6
11
14
36
500
250
0.05
2.3
2.0
7.5k
10D220K
22
20-24
14
18
43
500
250
0.05
2.5
2.0
4.5k
10D270K
27
24-30
17
22
53
500
250
0.05
3.0
2.5
3.7K
10D330K
33
30-36
20
26
65
500
250
0.05
4.0
3.0
3K
10D390K
39
35-43
25
31
77
500
250
0.05
4.6
3.5
2.4K
10D470K
47
42-52
30
38
93
500
250
0.05
5.5
4.5
2.1K
10D560K
56
50-62
35
45
110
500
250
0.05
7.0
5.5
1.8K
10D680K
68
61-75
40
56
135
500
250
0.05
8.2
6.5
1.5K
10D820K
82
74-90
50
65
135
2500
1250
0.4
12
8.0
1.2K
10D101K
100
90-100
60
85
165
2500
1250
0.4
15
10.0
1.0K
10D121K
120
108-132
75
100
200
2500
1250
0.4
18
12.0
830
10D151K
150
135-165
95
125
250
2500
1250
0.4
22
16.0
670
10D181K
180
162-198
115
150
300
2500
1250
0.4
27
18.5
560
10D201K
200
185-225
130
170
340
2500
1250
0.4
30
20
500
10D221K
220
198-242
140
180
360
2500
1250
0.4
32
23
450
10D241K
240
216-264
150
200
395
2500
1250
0.4
35
25
420
10D271K
270
243-297
175
225
455
2500
1250
0.4
40
30
370
10D301K
300
270-330
195
250
500
2500
1250
0.4
40
32
330
10D331K
330
297-363
215
275
550
2500
1250
0.4
43
34
300
10D361K
360
324-396
230
300
595
2500
1250
0.4
47
35
280
10D391K
390
351-429
250
320
650
2500
1250
0.4
60
40
260
10D431K
430
387-473
275
350
710
2500
1250
0.4
65
45
230
10D471K
470
423-517
300
385
775
2500
1250
0.4
70
45
210
10D511K
510
459-561
320
410
845
2500
1250
0.4
70
45
200
10D561K
560
504-616
350
455
930
2500
1250
0.4
70
45
180
10D621K
620
558-682
385
505
1025
2500
1250
0.4
70
45
160
10D681K
680
612-748
420
560
1120
2500
1250
0.4
70
45
150
10D751K
750
657-825
460
615
1240
3500
2500
0.4
105
75
130
10D781K
780
702-858
485
640
1290
3500
2500
0.4
105
75
130
10D821K
820
738-902
510
670
1355
3500
2500
0.4
110
80
130
10D911K
910
819-1001
550
745
1500
3500
2500
0.4
130
90
120
10D951K
951
855-1045
575
765
1580
3500
2500
0.4
135
95
110
10D102K
1.0K
900-1100
625
825
1650
3500
2500
0.4
140
100
100
10D112K
1.1K
990-1210
680
895
1815
3500
2500
0.4
155
110
90
10D182K
1.8K
1620-1980
1000
1465
2970
3500
2500
0.4
247
183
60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com