Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMK333U2AB-GS08 Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMK333U2AB-GS08
Description  Power SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMK333U2AB-GS08 Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMK333U2AB-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB-GS08 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VLMS333.., VLMR333.., VLMK333.., VLMO333.., VLMY333..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 02-Aug-17
4
Document Number: 82383
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Maximum Permissible Forward Current vs.
Ambient Temperature
Fig. 2 - Relative Luminous Intensity vs. Angular Displacement
Fig. 3 - Forward Current vs. Pulse Length
Fig. 4 - Relative Intensity vs. Wavelength
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100
125
16784
R
thJA = 400 K/W
Tamb - Ambient Temperature (°C)
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.00
0.02
0.04
0.06
0.08
0.10
0.12
tp - Pulse Length (s)
10-5 10-4 10-3 10-2 10-1 100
101
102
t
p/T = 0.005
0.05
0.5
17044
22184
0
0.2
0.4
0.6
0.8
1.0
1.2
540
560
580
600
620
640
660
680
λ - Wavelenght (nm)
yellow
soft orange
amber
red
super red
22185
1
10
100
1
1.5
2
2.5
3
3.5
VF - Forward Voltage (V)
yellow
soft orange
super red
amber
red
22186
0.01
0.1
1
10
110
100
IF - Forward Current (mA)
yellow
soft orange
amber
red
super red



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com