Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS3000-GS18 Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMS3000-GS18
Description  Low Current SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMS3000-GS18 Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMS3000-GS18 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS3000-GS18 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VLMO30.., VLMS30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-Nov-15
2
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
VLMO30K1L2-GS08
Orange
7.1
15
18
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30K1L2-GS18
Orange
7.1
15
18
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30L1M2-GS08
Orange
11.2
16.5
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30L1M2-GS18
Orange
11.2
16.5
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30K1M2-GS08
Orange
7.1
16
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMO30K1M2-GS18
Orange
7.1
16
28
2
600
605
609
2
-
1.8
2.2
2
AlInGaP
VLMY3000-GS08
Yellow
4.5
11.6
-
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY3000-GS18
Yellow
4.5
11.6
-
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY3001-GS08
Yellow
7.1
11.8
18
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY3001-GS18
Yellow
7.1
11.8
18
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2L1-GS08
Yellow
5.6
10.6
14
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2L1-GS18
Yellow
5.6
10.6
14
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30K2M1-GS08
Yellow
9
12.3
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30K2M1-GS18
Yellow
9
12.3
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2M1-GS08
Yellow
5.6
11.6
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
VLMY30J2M1-GS18
Yellow
5.6
11.6
22.4
2
581
587
594
2
-
1.8
2.2
2
AlInGaP
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLM30..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
IF
15
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.1
A
Power dissipation
PV
40
mW
Junction temperature
Tj
125
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction / ambient
Mounted on PC board (pad size > 16 mm2)RthJA
400
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO30.., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 2 mA
VLMS3000
IV
2.8
10
-
mcd
IF = 2 mA
VLMS30J1K2
IV
4.5
8.5
11.2
mcd
IF = 2 mA
VLMS30K1L2
IV
7.1
10.5
18
mcd
IF = 2 mA
VLMS30J1L2
IV
4.5
10
18
mcd
IF = 2 mA
VLMS30J2K2
IV
5.6
8.5
11.2
mcd
IF = 2 mA
VLMS30K2L2
IV
912
18
mcd
Dominant wavelength
IF = 2 mA
λd
624
630
636
nm
Peak wavelength
IF = 2 mA
λp
-
635
-
nm
Angle of half intensity
IF = 2 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 2 mA
VF
-1.8
2.2
V
Reverse voltage
IR = 10 μA
VR
615
-
V
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com