Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMK333U2AB Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMK333U2AB
Description  Power SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMK333U2AB Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMK333U2AB Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMK333U2AB Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VLMS333.., VLMR333.., VLMK333.., VLMO333.., VLMY333..
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 02-Aug-17
2
Document Number: 82383
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMS333.., SUPER RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMS333T2V2
IV
355
550
1120
mcd
Luminous flux/luminous intensity
φV/IV
-3
-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
626
630
639
nm
Peak wavelength
IF = 20 mA
λp
-
639
-
nm
Spectral bandwidth at 50 % Irel max.
IF = 20 mA
Δλ
-18
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
1.822.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMR333.., RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMR333U1AA
IV
450
750
1400
mcd
Luminous flux/luminous intensity
φV/IV
-3
-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
619
625
631
nm
Peak wavelength
IF = 20 mA
λp
-
632
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 20 mA
Δλ
-18
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
1.822.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMK333.., AMBER
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMK333U2AB
IV
560
850
1800
mcd
Luminous flux/luminous intensity
φV/IV
-3
-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
611
616
622
nm
Peak wavelength
IF = 20 mA
λp
-
622
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 20 mA
Δλ
-18
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
1.8
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO333.., SOFT ORANGE
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity
IF = 20 mA
VLMO333U2AB
IV
560
950
1800
mcd
Luminous flux/luminous intensity
φV/IV
-3
-
mlm/mcd
Dominant wavelength
IF = 20 mA
λd
600
605
611
nm
Peak wavelength
IF = 20 mA
λp
-
611
-
nm
Spectral bandwidth
at 50 % Irel max.
IF = 20 mA
Δλ
-17
-
nm
Angle of half intensity
IF = 20 mA
ϕ
-± 60
-
deg
Forward voltage
IF = 20 mA
VF
1.8
2.1
2.6
V
Reverse current
VR = 5 V
IR
-0.01
10
μA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com