Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM670 Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LSM670
Description  Standard Mini SMD LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LSM670 Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LSM670 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LSM670 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VLMO21.., VLMS21.., VLMY21..
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 22-May-2019
2
Document Number: 81233
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Driving the LED in reverse direction is suitable for a short term application
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
Note
(1) In one packing unit IVmax./IVmin.
≤ 1.6
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
VLMS21.., VLMO21.., VLMY21..
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage (1)
VR
6V
DC forward current
Tamb
≤ 60 °C
IF
30
mA
Surge forward current
tp
≤ 10 μs
IFSM
0.5
A
Power dissipation
PV
95
mW
Junction temperature
Tj
+100
°C
Operating temperature range
Tamb
-40 to +100
°C
Storage temperature range
Tstg
-40 to +100
°C
Thermal resistance junction-to-ambient
Mounted on PC board (pad size > 5 mm2)RthJA
480
K/W
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified
VLMS21.., RED
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
VLMS2100
IV
2.8
7.0
-
mcd
IF = 10 mA
VLMS21J2L1
IV
5.6
7.0
14
mcd
IF = 10 mA
VLMS21H2L1
IV
3.55
7.0
14
mcd
Dominant wavelength
IF = 10 mA
λd
624
628
636
nm
Peak wavelength
IF = 10 mA
λp
-
640
-
nm
Angle of half intensity
IF = 10 mA
j
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-2.1
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15
-
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLMO21.., SOFT ORANGE
PARAMETER
TEST CONDITION
PARTS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity (1)
IF = 10 mA
VLMO2100
IV
3.55
7.3
-
mcd
IF = 10 mA
VLMO21J2L1
IV
5.6
7.3
14
mcd
Dominant wavelength
IF = 10 mA
λd
598
605
611
nm
Peak wavelength
IF = 10 mA
λp
-
605
-
nm
Angle of half intensity
IF = 10 mA
j
-± 60
-
°
Forward voltage
IF = 20 mA
VF
-2.1
3
V
Reverse voltage
IR = 10 μA
VR
615
-
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-15-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com