Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMS30J1K2 Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMS30J1K2
Description  Low Current SMD LED PLCC-2
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMS30J1K2 Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMS30J1K2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMS30J1K2 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VLMO30.., VLMS30.., VLMY30..
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 03-Nov-15
4
Document Number: 81322
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Wavelengths are tested at a current pulse duration of 25 ms.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Forward Current vs. Pulse Length
Fig. 3 - Relative Luminous Intensity vs. Angular Displacement
Fig. 4 - Relative Intensity vs. Wavelength
COLOR CLASSIFICATION
GROUP
YELLOW
ORANGE
DOM. WAVELENGTH (nm)
MIN.
MAX.
MIN.
MAX.
1
581
584
2
583
586
600
603
3
585
588
602
605
4
587
590
604
607
5
589
592
606
609
6
591
594
CROSSING TABLE
VISHAY
OSRAM
VLMO30K1L2
LOT67K-K1L2
VLMO30K1M2
LOT67K-K1M2
VLMO30L1M2
LOT67K-L1M2
VLMS30J1K2
LST67K-J1K2
VLMS30J1L2
LST67K-J1L2
VLMS30K1L2
LST67K-K1L2
VLMY30J2L1
LYT67K-J2L1
VLMY30J2M1
LYT67K-J2M1
VLMY30K2M1
LYT67K-K2M1
0
5
10
15
20
25
18254
100
80
60
40
20
0
Tamb - Ambient Temperature (°C)
10
100
1000
0.01
0.1
1
10
100
tp - Pulse Duration (ms)
17557
t
p/T= 0.01
0.05
0.2
0.5
1
0.02
0.1
0.4
0.2
0
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
540
580
620
660
700
λ - Wavelength (nm)
18266
orange
red
yellow



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com