Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLMW33T2U2 Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMW33T2U2
Description  Power SMD LED PLCC-2
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMW33T2U2 Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMW33T2U2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW33T2U2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW33T2U2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW33T2U2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW33T2U2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW33T2U2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW33T2U2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMW33T2U2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VLMW33..
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 03-Nov-15
4
Document Number: 81273
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Relative Luminous Intensity vs. Forward Current
Fig. 6 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 7 - Forward Voltage vs. Ambient Temperature
Fig. 8 - Chromaticity Coordinate Shift vs. Forward Current
Fig. 9 - Coordinates of Colorgroups
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
16194
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
16197
Tamb - Ambient Temperature (°C)
0
1020
30 40506070 80
90 100
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
3.85
3.90
3.95
16199
Tamb - Ambient Temperature (°C)
0
1020
30 40506070 80
90 100
0.315
0.320
0.325
0.330
0.335
0.340
0.345
16198
X
Y
IF - Forward Current (mA)
060
50
40
30
20
10
white
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.40
0.35
0.30
0.25
0.20
x-Coordinates
6L
5L
7L
8L
6K
5K
7K
8K
19784_3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com