Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLRK31R1S2 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLRK31R1S2
Description  Reverse Gullwing SMD LED Red
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLRK31R1S2 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLRK31R1S2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLRK31R1S2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLRK31R1S2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLRK31R1S2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLRK31R1S2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLRK31R1S2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLRK31R1S2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLRK31R1S2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VLRK31R1S2, VLRK31Q1R2
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 13-Aug-2018
1
Document Number: 81778
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Reverse Gullwing SMD LED Red
DESCRIPTION
This device has been designed to meet the increasing
demand for AlInGaP technology.
It consists of a lead frame which is embedded in a white
thermoplast. The reflector inside this package is filled up
with clear epoxy.
LED is mounted top down and emits through the PCB.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD reverse gullwing
• Product series: standard
• Angle of half intensity: ± 60°
FEATURES
• SMD LED with exceptional brightness
• Luminous intensity categorized
• Compatible
with
automatic
placement
equipment
• EIA and ICE standard package
• Compatible with IR reflow, vapor phase
and wave solder processes according to
CECC 00802 and J-STD-020C
• Available in 12 mm tape
• Low profile package
• Non-diffused lens: Excellent for coupling to light pipes and
backlighting
• Low power consumption
• Luminous
intensity
ratio
in
one
packaging
unit
IVmax./IVmin. > 1.6
• Preconditioning according to JEDEC® level 2a
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive: backlighting in dashboards and switches
• Telecommunication:
indicator
and
backlighting
in
telephone and fax
• Indicator and backlight for audio and video equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches, and symbols
• General use
20857
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN.
TYP.
MAX.
MIN. TYP. MAX.
MIN.
TYP.
MAX.
VLRK31R1S2-GS08
Red
112
-
285
20
620
630
635
20
-
2.1
2.3
20
AlInGaP on GaAs
VLRK31Q1R2-GS08
Red
71
-
180
20
620
630
635
20
-
2.1
2.3
20
AlInGaP on GaAs
香港至恩科技有限公司
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - VLRK31R1S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
232Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
252Kb / 8P
Reverse Gullwing SMD LED Red
14-Apr-2022
VLRK31R1S2-GS08 VISHAY-VLRK31R1S2-GS08 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
VLRK31R1S2-GS08 VISHAY-VLRK31R1S2-GS08 Datasheet
268Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
More results

Similar Description - VLRK31R1S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
VLRE31 VISHAY-VLRE31 Datasheet
231Kb / 9P
Reverse Gullwing SMD LED Yellow
22-May-13
VLRK31 VISHAY-VLRK31 Datasheet
268Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLRE31R1S2 TO-GRACE-VLRE31R1S2 Datasheet
1Mb / 9P
Reverse Gullwing SMD LED Yellow
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRE31R1S2 VISHAY-VLRE31R1S2 Datasheet
232Kb / 9P
Reverse Gullwing SMD LED Yellow
23-Feb-18
VLRE31R1S2 VISHAY-VLRE31R1S2_V01 Datasheet
233Kb / 9P
Reverse Gullwing SMD LED Yellow
23-Feb-18
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRE31R1S2 VISHAY-VLRE31R1S2_V02 Datasheet
253Kb / 8P
Reverse Gullwing SMD LED Yellow
14-Apr-2022
VLRK31Q1R2 VISHAY-VLRK31Q1R2_V02 Datasheet
252Kb / 8P
Reverse Gullwing SMD LED Red
14-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com