Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5701A01 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH5701A01
Description  Ambient Light Sensor Version 1.1
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5701A01 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH5701A01 Datasheet HTML 1Page - OSRAM GmbH SFH5701A01 Datasheet HTML 2Page - OSRAM GmbH SFH5701A01 Datasheet HTML 3Page - OSRAM GmbH SFH5701A01 Datasheet HTML 4Page - OSRAM GmbH SFH5701A01 Datasheet HTML 5Page - OSRAM GmbH SFH5701A01 Datasheet HTML 6Page - OSRAM GmbH SFH5701A01 Datasheet HTML 7Page - OSRAM GmbH SFH5701A01 Datasheet HTML 8Page - OSRAM GmbH SFH5701A01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.1
SFH 5701 A01
2019-01-28
3
Dimensions of radiant sensitive area
(typ)
L x W
0.33 x 0.33
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Output impedance
(typ)
Z
OUT
10
MΩ
Forward voltage
( I
F = 200 µA, E = 0)
(typ)
V
F
0.52
V
Supply current
( V
DD = 5 V, EV = 100 lx (white LED))
(typ)
I
dd
135
µA
Output dark current
(VDD = 5 V, EV = 0 lx )
(typ)
(max)
I
OUT_dark
IOUT_dark
3.4
50
nA
nA
Rise time
(R
LOAD = 33 kΩ, EV = 100 lx,
for different testing conditions refer to the Appnote
AN132)
(typ)
t
r
14
ms
Temperature coefficient
(typ)
T
C IOUT
-0.07
%/ K
Relative Spectral Sensitivity 1) page 12
Photodiode Srel = f(λ)
Output Current 1) page 12
IOUT = f(EV); white LED; VDD = 5 V
Parameter
Symbol
Values
Unit
400
500
600
700
800
900
1000
1100
0
10
20
30
40
50
60
70
80
90
100
V
human
eye
sensitivity
S
rel
[nm]
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
E
V
[lx]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com