Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LST776-R1S2 Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LST776-R1S2
Description  Reverse Gullwing SMD LED Red
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LST776-R1S2 Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LST776-R1S2 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LST776-R1S2 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LST776-R1S2 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LST776-R1S2 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LST776-R1S2 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LST776-R1S2 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LST776-R1S2 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LST776-R1S2 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VLRK31R1S2, VLRK31Q1R2
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 13-Aug-2018
4
Document Number: 81778
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 8 - Forward Voltage vs. Ambient Temperature
TAPING DIMENSIONS in millimeters
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1020 3040 5060 7080 90 100
T
amb - Ambient Temperature (°C)
16618
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
2.10
0
1020
3040
5060
7080
90 100
Tamb - Ambient Temperature (°C)
16617
IF = 20 mA
Red
20858



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com