Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043A Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB8043A
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8043A Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB8043A Datasheet HTML 12Page - Texas Instruments TUSB8043A Datasheet HTML 13Page - Texas Instruments TUSB8043A Datasheet HTML 14Page - Texas Instruments TUSB8043A Datasheet HTML 15Page - Texas Instruments TUSB8043A Datasheet HTML 16Page - Texas Instruments TUSB8043A Datasheet HTML 17Page - Texas Instruments TUSB8043A Datasheet HTML 18Page - Texas Instruments TUSB8043A Datasheet HTML 19Page - Texas Instruments TUSB8043A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
16
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
Table 1. TUSB8043A Battery Charging Modes with SMBus or I2C EEPROM
Battery Charging Mode Port x
(x = n + 1)
0
Don’t Care
Don't Care
Don’t Care
Don't Care
Don't Care
No Charging support
1
> 4V
Don't Care
Don't Care
Don't Care
Don't Care
CDP
1
< 4V
Don't Care
1
Don't Care
Don't Care
DCP
1
< 4V
Don't Care
0
1
1
AUTOMODE enabled. Sequences through all ACPx modes and DCP
Alternate ACP3, ACP2, ACP1, DCP
1
< 4 V
0
0
0
1
AUTOMODE enabled. Sequences between ACP2 and DCP.
Alternate ACP2, DCP
1
< 4V
1
0
0
1
AUTOMODE enabled. Sequences between ACP3 and DCP.
Alternate ACP3, DCP
1
< 4V
Don't Care
0
1
0
AUTOMODE enabled with Galaxy compatible charging support.
Alternate ACP3, ACP2, ACP1, Galaxy, DCP
1
< 4V
0
0
0
0
AUTOMODE enabled with Galaxy compatible charging support.
Alternate ACP2, Galaxy, DCP
1
< 4V
1
0
0
0
AUTOMODE enabled with Galaxy compatible charging support.
Alternate ACP3, Galaxy, DCP
Table 2. TUSB8043A Battery Charging Modes without EEPROM
Battery Charging Mode Port x
(x = n + 1)
0
Don’t Care
Don’t Care
Don't Care
No Charging support
1
> 4V
Don't Care
Don't Care
CDP
1
< 4V
1
0
DCP
1
< 4V
0
0
AUTOMODE enabled with Galaxy compatible charging support. Sequences
through all ACPx modes.
Alternate ACP3, ACP2, ACP1, Galaxy, DCP.
1
< 4V
0
1
AUTOMODE enabled with Galaxy compatible charging support.
Alternate ACP3, Galaxy, DCP
1
< 4V
1
1
AUTOMODE enabled. Sequences through all ACPx modes.
Alternate ACP3, ACP2, ACP1, DCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com