Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K37CT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K37CT
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K37CT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K37CT Datasheet HTML 1Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 2Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 3Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 4Page - Toshiba Semiconductor SSM3K37CT Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K37CT
2014-03-01
2
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
V (BR) DSS
ID = 1 mA, VGS = 0 V
20
⎯
⎯
Drain-source breakdown voltage
V (BR) DSX
ID = 1 mA, VGS = -10 V
12
⎯
⎯
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0 V
⎯
⎯
1
μA
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
⎯
⎯
±1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 1 mA
0.35
⎯
1.0
V
Forward transfer admittance
|Yfs|
VDS = 3 V, ID = 100 mA
(Note2)
0.14
0.28
⎯
S
ID = 100 mA, VGS = 4.5 V (Note2)
⎯
1.65
2.20
ID = 50 mA, VGS = 2.5 V
(Note2)
⎯
2.16
3.02
ID = 20 mA, VGS = 1.8 V
(Note2)
⎯
2.66
4.05
Drain-source ON-resistance
RDS (ON)
ID = 10 mA, VGS = 1.5 V
(Note2)
⎯
3.07
5.60
Ω
Input capacitance
Ciss
⎯
12
⎯
Output capacitance
Coss
⎯
5.5
⎯
Reverse transfer capacitance
Crss
VDS = 10 V, VGS = 0 V, f = 1 MHz
⎯
4.1
⎯
pF
Turn-on time
ton
⎯
18
⎯
Switching time
Turn-off time
toff
VDD = 10 V, ID = 100 mA
VGS = 0 to 2.5 V, RG = 50 Ω
⎯
36
⎯
ns
Drain-Source forward voltage
VDSF
ID = -200 mA, VGS = 0 V
(Note2)
⎯
-0.89
-1.2
V
Note2: Pulse test
Switching Time Test Circuit
Precaution
Let Vth be the voltage applied between gate and source that causes the drain current (ID) to be low (1mA for the
SSM3K37CT). Then, for normal switching operation, VGS(on) must be higher than Vth, and VGS(off) must be lower than
Vth. This relationship can be expressed as: VGS(off) < Vth < VGS(on).
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
Thermal resistance Rth (ch-a) and power dissipation PD vary depending on board material, board area, board thickness
and pad area. When using this device, please take heat dissipation into consideration
2.5 V
ton
toff
0 V
VDD
VDS (ON)
tr
tf
10%
90%
90%
10%
(a) Test Circuit
VDD = 10 V
RG = 50Ω
Duty
≤ 1%
VIN : tr, tf < 5 ns
Common source
Ta
= 25°C
0 V
2.5 V
IN
OUT
VDD
10
μs
(b) VIN
(c) VOUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com