Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K56ACT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K56ACT
Description  MOSFETs Silicon N-Channel MOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K56ACT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K56ACT Datasheet HTML 1Page - Toshiba Semiconductor SSM3K56ACT Datasheet HTML 2Page - Toshiba Semiconductor SSM3K56ACT Datasheet HTML 3Page - Toshiba Semiconductor SSM3K56ACT Datasheet HTML 4Page - Toshiba Semiconductor SSM3K56ACT Datasheet HTML 5Page - Toshiba Semiconductor SSM3K56ACT Datasheet HTML 6Page - Toshiba Semiconductor SSM3K56ACT Datasheet HTML 7Page - Toshiba Semiconductor SSM3K56ACT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSM3K56ACT
1
MOSFETs Silicon N-Channel MOS
SSM3K56ACT
SSM3K56ACT
SSM3K56ACT
SSM3K56ACT
Start of commercial production
2015-11
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Switching
2.
2.
2.
2. Features
Features
Features
Features
(1)
1.5-V gate drive voltage.
(2)
Low drain-source on-resistance
: RDS(ON) = 235 mΩ (max) (@VGS = 4.5 V)
RDS(ON) = 300 mΩ (max) (@VGS = 2.5 V)
RDS(ON) = 480 mΩ (max) (@VGS = 1.8 V)
RDS(ON) = 840 mΩ (max) (@VGS = 1.5 V)
3.
3.
3.
3. Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
Packaging and Pin Configuration
CST3
1.Gate
2.Source
3.Drain
2015-11-16
Rev.1.0
©2015 Toshiba Corporation


Similar Part No. - SSM3K56ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K56CT TOSHIBA-SSM3K56CT Datasheet
208Kb / 8P
MOSFETs Silicon N-Channel MOS
SSM3K56FS TOSHIBA-SSM3K56FS Datasheet
204Kb / 8P
High-Speed Switching
SSM3K56FS TOSHIBA-SSM3K56FS_14 Datasheet
203Kb / 8P
MOSFETs Silicon N-Channel MOS
SSM3K56MFV TOSHIBA-SSM3K56MFV Datasheet
202Kb / 8P
MOSFETs Silicon N-Channel MOS
More results

Similar Description - SSM3K56ACT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK8A25DA TOSHIBA-TK8A25DA Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK13A25D TOSHIBA-TK13A25D Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK12A65D TOSHIBA-TK12A65D Datasheet
268Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK70J20D TOSHIBA-TK70J20D Datasheet
231Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
SSM6N55NU TOSHIBA-SSM6N55NU_14 Datasheet
240Kb / 9P
MOSFETs Silicon N-Channel MOS
TK10A80E TOSHIBA-TK10A80E Datasheet
225Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com