Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K72CFS Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # SSM3K72CFS
Description  MOSFETs Silicon N-Channel MOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K72CFS Datasheet(HTML) 5 Page - Toshiba Semiconductor

  SSM3K72CFS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K72CFS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K72CFS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K72CFS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K72CFS Datasheet HTML 5Page - Toshiba Semiconductor SSM3K72CFS Datasheet HTML 6Page - Toshiba Semiconductor SSM3K72CFS Datasheet HTML 7Page - Toshiba Semiconductor SSM3K72CFS Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SSM3K72CFS
5
7.
7.
7.
7. Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Characteristics Curves (Note)
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 IIIID
D
D
D
- V
- V
- V
- VDS
DS
DS
DS
Fig.
Fig.
Fig.
Fig. 7.2
7.2
7.2
7.2 IIIID
D
D
D
- V
- V
- V
- VGS
GS
GS
GS
Fig.
Fig.
Fig.
Fig. 7.3
7.3
7.3
7.3 R
R
R
RDS(ON)
DS(ON)
DS(ON)
DS(ON)
- I
- I
- I
- ID
D
D
D
Fig.
Fig.
Fig.
Fig. 7.4
7.4
7.4
7.4 R
R
R
RDS(ON)
DS(ON)
DS(ON)
DS(ON)
- V
- V
- V
- VGS
GS
GS
GS
Fig.
Fig.
Fig.
Fig. 7.5
7.5
7.5
7.5 R
R
R
RDS(ON)
DS(ON)
DS(ON)
DS(ON)
- T
- T
- T
- Taaaa
Fig.
Fig.
Fig.
Fig. 7.6
7.6
7.6
7.6 V
V
V
Vth
th
th
th
- T
- T
- T
- Taaaa
2016-11-17
Rev.3.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com