Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K72CTC Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K72CTC
Description  MOSFETs Silicon N-Channel MOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K72CTC Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K72CTC Datasheet HTML 1Page - Toshiba Semiconductor SSM3K72CTC Datasheet HTML 2Page - Toshiba Semiconductor SSM3K72CTC Datasheet HTML 3Page - Toshiba Semiconductor SSM3K72CTC Datasheet HTML 4Page - Toshiba Semiconductor SSM3K72CTC Datasheet HTML 5Page - Toshiba Semiconductor SSM3K72CTC Datasheet HTML 6Page - Toshiba Semiconductor SSM3K72CTC Datasheet HTML 7Page - Toshiba Semiconductor SSM3K72CTC Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSM3K72CTC
1
MOSFETs Silicon N-Channel MOS
SSM3K72CTC
SSM3K72CTC
SSM3K72CTC
SSM3K72CTC
Start of commercial production
2015-01
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
High-Speed Switching
2.
2.
2.
2. Features
Features
Features
Features
(1)
ESD protected gate
(2)
Low drain-source on-resistance
: RDS(ON) = 2.8 Ω (typ.) (@VGS = 10 V)
RDS(ON) = 3.1 Ω (typ.) (@VGS = 5.0 V)
RDS(ON) = 3.2 Ω (typ.) (@VGS = 4.5 V)
3.
3.
3.
3. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
CST3C
2017-12-04
Rev.3.0
©2015-2017
Toshiba Electronic Devices & Storage Corporation


Similar Part No. - SSM3K72CTC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K72CFS TOSHIBA-SSM3K72CFS Datasheet
208Kb / 8P
MOSFETs Silicon N-Channel MOS
More results

Similar Description - SSM3K72CTC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK8A25DA TOSHIBA-TK8A25DA Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK13A25D TOSHIBA-TK13A25D Datasheet
234Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK12A65D TOSHIBA-TK12A65D Datasheet
268Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
TK70J20D TOSHIBA-TK70J20D Datasheet
231Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
SSM6N55NU TOSHIBA-SSM6N55NU_14 Datasheet
240Kb / 9P
MOSFETs Silicon N-Channel MOS
TK10A80E TOSHIBA-TK10A80E Datasheet
225Kb / 9P
MOSFETs Silicon N-Channel MOS (?-MOS??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com