Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT73C213 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT73C213
Description  Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C213 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT73C213 Datasheet HTML 7Page - ATMEL Corporation AT73C213 Datasheet HTML 8Page - ATMEL Corporation AT73C213 Datasheet HTML 9Page - ATMEL Corporation AT73C213 Datasheet HTML 10Page - ATMEL Corporation AT73C213 Datasheet HTML 11Page - ATMEL Corporation AT73C213 Datasheet HTML 12Page - ATMEL Corporation AT73C213 Datasheet HTML 13Page - ATMEL Corporation AT73C213 Datasheet HTML 14Page - ATMEL Corporation AT73C213 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11
2744A–PMGMT–27-Jan-
AT73C213
2744A–PMGMT–27-Jan-05
7.4
Timing Specifications
Figure 7-7.
Data Interface Timing Diagram
Table 7-2.
Data Interface Timing Parameters
Parameter
Min
Typ
Max
Unit
td1
Delay from MCLK rising edge to BCLK edges
2.5
7.5
ns
td2
Delay from BCLK falling edge to LRFS edges
0
5
ns
ts3
din set-up time before BCLK rising edge
10
ns
th3
din hold time after BCLK rising edge
10
ns
MCLK
BCLK
1
1
N
19N+1
20N
20
M/2+1
M
M/2.N+1
M/2.(N+1) (M-1).N+1
M.N
LRFS
SDIN
td1
td2
ts3
th3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com