Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADF7012EB2 Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-ADF7012EB2
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF7012EB2 Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-ADF7012EB2 Datasheet HTML 17Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 18Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 19Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 20Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 21Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 22Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 23Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 24Page - Analog Devices EVAL-ADF7012EB2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ADF7012
Rev. 0 | Page 21 of 28
433 MHZ OPERATION
The recommendations here are guidelines only. The design
should be subject to internal testing prior to ETSI site testing.
Matching components need to be adjusted for board layout.
The ETSI standard EN 300-220 governs operation in the
433.050 MHz to 434.790 MHz band. For many systems, 10%
duty is sufficient for the transmitter to output 10 dBm.
Design Criteria
433.92 MHz center frequency
FSK modulation
10 mW output power
200 m range
Meets ETSI 300-220
The main requirement in the design of this remote is a long
battery life and sufficient range. It is possible to adjust the
output power of the ADF7012 to increase the range depending
on the antenna performance.
The center frequency is 433.92 MHz. It is possible to operate the
VCO at this frequency. Figure 36 shows the inductor value vs.
center frequency. The inductor chosen is 22 nH. Coilcraft
inductors such as 0603-CS-22NXJBU are recommended.
Crystal and PFD
The phase noise requirement is such to ensure the power at the
edge of the band is < −36 dBm. The PFD is chosen so as to
minimize spurious levels (beat note and reference), and to
ensure a quick crystal power-up time.
PFD = 4.9152 MHz − Power-Up Time 1.6 ms. Figure 10 shows a
typical power-up time for a 4 MHz crystal.
N-Divider
The N Divider is determined as being:
Nint = 88
Nfrac = (1152)/4096
VCO divide-by-2 is not enabled
Deviation
The deviation is set to ± 50 kHz so as to accommodate a simple
receiver architecture.
The modulation steps available are in 4.9152 MHz/214 :
Modulation steps = 300 Hz
Modulation number = 50 kHz/300Hz = 167
Bias Current
Because low current is desired, a 2.0 mA VCO bias can be used.
Additional bias current reduces any spurious, but increases
current consumption.
The PA bias can be set to 5.5 mA and achieve 10 dBm.
Loop Filter Bandwidth
The loop filter is designed with ADIsimPLL Version 2.5. The
loop bandwidth design requires that the channel power be
< −36 dBm at ±870 kHz from the center. A loop bandwidth of
close to 160 kHz strikes a good balance between lock time for
data rates, including 32 kbps and spurious suppression. If it is
found that pulling of the VCO is more than desired in OOK
mode, the bandwidth could be increased.
Design of Harmonic Filter
The main requirement of the harmonic filter should ensure
that the third harmonic level is < −30 dBm. A fifth-order
Chebyshev filter is recommended to achieve this, and a
suggested starting point is given next. The Pi format is chosen
to minimize the more expensive inductors.
Component Values—Crystal: 4.9152 MHz
Loop Filter
Icp
2.0 mA
LBW
100 kHz
C1
680 pF
C2
12 nF
C3
270 pF
R1
910 V
R2
3.3 kV
Matching
L1
22 nH
L2
10 pF
C14
Short
C15
Open
Harmonic Filter
L4
22 nH
L5
22 nH
CF1
3.3 pF
CF2
8.2 pF
CF3
3.3 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com