Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79Q02 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # AM79Q02
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button AM79Q02 Datasheet HTML 35Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 36Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 37Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 38Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 40Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 42Page - List of Unclassifed Manufacturers AM79Q02 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
SLAC Products
39
MPI COMMAND STRUCTURE
This section details each MPI command. Each command is shown along with the format of any additional data bytes
that follow. For details of the filter coefficients of the form Cxymxy, refer to the General Description of CSD Coefficients
section on page 56.
Unused bits are indicated by “RSVD”; 0’s should be written to them, but 0’s are not guaranteed when they are read.
*Default field values are marked by an asterisk. A hardware reset forces the default values.
1.
Deactivate (Standby State)
MPI Command
(00h)
In the Deactivated mode:
All programmed information is retained.
The Microprocessor Interface (MPI) remains active.
The PCM inputs are disabled and the PCM outputs are high impedance unless
signaling on the PCM highway is programmed (SMODE = 1).
The analog output (VOUT) is disabled and biased at 2.1 V.
The channel status (CS) bit in the SLIC I/O Direction and Channel Status Register is
set to 0.
2.
Software Reset
MPI Command
(02h)
The action of this command is identical to that of the RST pin except that it only operates on the
channels selected by the Channel Enable Register and it does not change clock slots, time slots,
PCM highways, or global chip parameters. See the note under the hardware reset command
that follows.
3.
Hardware Reset
MPI Command
(04h)
Hardware reset is equivalent to pulling the RST on the device Low. This command does not
depend on the state of the Channel Enable Register.
Note: The action of a hardware reset is described in Reset States on page 31 of the section Operating
the QSLAC Device.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
0
0
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
0
0
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com