Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2823638 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2823638
Description  Relay connectors - ST-REL2-KG 48/1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2823638 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2823638 Datasheet HTML 1Page - PHOENIX CONTACT 2823638 Datasheet HTML 2Page - PHOENIX CONTACT 2823638 Datasheet HTML 3Page - PHOENIX CONTACT 2823638 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2823638
10/20/2014   Page 1 / 4
Relay connectors - ST-REL2-KG 48/1 - 2823638
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 1 N/O contact, 48
V AC/DC input voltage, with light indicator, can be plugged into basic terminal blocks
The illustration shows version ST-
REL 2-KG 24/1
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
35.12 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Dimensions
Width
14.6 mm
Height
33 mm
Depth
66.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
48 V AC/DC
Input voltage range in reference to UN
0.9 ... 1.1
Typical input current at UN
8.5 mA
Typical response time
10 ms (with DC)


Similar Part No. - 2823638

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-DSH-001-B MA-COM-28236-DSH-001-B Datasheet
4Mb / 443P
ATM ServiceSAR Plus with xBR Traffic Management
28236-DSH-001-B MA-COM-28236-DSH-001-B_15 Datasheet
4Mb / 443P
ATM ServiceSAR Plus with xBR Traffic Management
logo
PHOENIX CONTACT
2823625 PHOENIX-2823625 Datasheet
75Kb / 5P
Relay connectors - ST-REL2-KG 24/1
10/27/2021
More results

Similar Description - 2823638

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2821232 PHOENIX-2821232 Datasheet
80Kb / 4P
Relay connectors - ST-REL3-KG 48/21
2821258 PHOENIX-2821258 Datasheet
83Kb / 4P
Relay connectors - ST-REL4-KG 48/ 1- 1
2823683 PHOENIX-2823683 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG 48/2
2823722 PHOENIX-2823722 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG 24/1AU
2823735 PHOENIX-2823735 Datasheet
77Kb / 4P
Relay connectors - ST-REL2-KG 48/1AU
2823777 PHOENIX-2823777 Datasheet
76Kb / 4P
Relay connectors - ST-REL2-KG 24/2AU
2823780 PHOENIX-2823780 Datasheet
76Kb / 4P
Relay connectors - ST-REL2-KG 48/2AU
2826512 PHOENIX-2826512 Datasheet
76Kb / 4P
Relay connectors - ST-REL2-KG220DC/1
2826525 PHOENIX-2826525 Datasheet
79Kb / 4P
Relay connectors - ST-REL2-KG230AC/1
2823625 PHOENIX-2823625 Datasheet
75Kb / 5P
Relay connectors - ST-REL2-KG 24/1
10/27/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com