Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC627 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC627
Description  Transistors Si NPN Lo-Pwr BJT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2SC627 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC627 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC627 Transistors
Si NPN Lo-Pwr BJT
Military/High-RelN
V(BR)CEO (V)200
V(BR)CBO (V)200
I(C) Max. (A)100m
Absolute Max. Power Diss. (W)700m
Maximum Operating Temp (øC)175õ
I(CBO) Max. (A)5.0uØ
@V(CBO) (V) (Test Condition)
V(CE)sat Max. (V)
@I(C) (A) (Test Condition)
@I(B) (A) (Test Condition)
h(FE) Min. Current gain.360
h(FE) Max. Current gain.
@I(C) (A) (Test Condition)50m
@V(CE) (V) (Test Condition)10
f(T) Min. (Hz) Transition Freq20.M
@I(C) (A) (Test Condition)
@V(CE) (V) (Test Condition)
C(obo) (Max) (F)6.0p
@V(CB) (V) (Test Condition)
@Freq. (Hz) (Test Condition)
Package StyleTO-5
Mounting StyleT
Pinout Equivalence Code3-12
Ckt. (Pinout) NumberTR00300012
Description


Similar Part No. - 2SC627

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
High Speed Switching Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6010 TOSHIBA-2SC6010 Datasheet
182Kb / 5P
Silicon NPN Triple Diffused Type
2SC6010 TOSHIBA-2SC6010 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Allegro MicroSystems
2SC6011 ALLEGRO-2SC6011 Datasheet
282Kb / 7P
Audio Amplification Transistor
More results

Similar Description - 2SC627

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N542A NJSEMI-2N542A Datasheet
89Kb / 1P
SI NPN LO-PWR BJT
2N740 NJSEMI-2N740 Datasheet
71Kb / 1P
SI NPN LO-PWR BJT
2N930A NJSEMI-2N930A Datasheet
84Kb / 1P
SI NPN LO-PWR BJT
2N1593 NJSEMI-2N1593 Datasheet
114Kb / 1P
SI NPN LO-PWR BJT
2N2896 NJSEMI-2N2896 Datasheet
78Kb / 1P
SI NPN LO-PWR BJT
2N2270 NJSEMI-2N2270 Datasheet
79Kb / 1P
SI NPN LO-PWR BJT
2N3565 NJSEMI-2N3565 Datasheet
94Kb / 1P
SI NPN LO-PWR BJT
2N3711 NJSEMI-2N3711 Datasheet
92Kb / 1P
SI NPN LO-PWR BJT
2N4237 NJSEMI-2N4237 Datasheet
151Kb / 1P
SI NPN LO-PWR BJT
2N5449 NJSEMI-2N5449 Datasheet
84Kb / 1P
SI NPN LO-PWR BJT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com