Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APS4812B-LW100-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # APS4812B-LW100-R
Description  48mm diameter speaker built using a piezo ceramic for minimom current draw
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

APS4812B-LW100-R Datasheet(HTML) 3 Page - PUI audio inc.

  APS4812B-LW100-R Datasheet HTML 1Page - PUI audio inc. APS4812B-LW100-R Datasheet HTML 2Page - PUI audio inc. APS4812B-LW100-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PIEZO SPEAKER
APS4812B-LW100-R
J.D.
B.R.
R.W.
8/20/2007
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
9/6/2006
Date
9/6/2006
Date
9/6/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
APS4812B-LW100-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
9/12/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
8/20/2007
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
OPERATING VOLTAGE (MAX)
30
Vp-p
CAPACITANCE @ 1kHZ
65,000 ± 30%
pF
RESONANT FREQUENCY
1,200 ± 200
Hz
RESONANT IMPEDANCE(MAX)@1Khz 3,500 ± 10%
Ohm
OPERATING TEMPERATURE
-20 ~ +70
°C
STORAGE TEMPERATURE
-20 ~ +70
°C
PLATE MATERIAL
BRASS
-
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
LEAD WIRE
-
WEIGHT
3
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY
TO PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
n50
n44
100
`10
5
`2
48
2.2
RED
BLACK
UL1571 AWG #30



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com