Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01506MS-SC15-WP-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS01506MS-SC15-WP-R
Description  PEEK diaphragm for flat frequency response
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01506MS-SC15-WP-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS01506MS-SC15-WP-R Datasheet HTML 1Page - PUI audio inc. AS01506MS-SC15-WP-R Datasheet HTML 2Page - PUI audio inc. AS01506MS-SC15-WP-R Datasheet HTML 3Page - PUI audio inc. AS01506MS-SC15-WP-R Datasheet HTML 4Page - PUI audio inc. AS01506MS-SC15-WP-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS01506MS-SC15-WP-R
PUI Audio’s Mobile Series line of speakers and receivers is designed for cutting-
edge applications such as smart watches and pendants, Wi-Fi enabled security
devices and action cameras, mobile radios and smart phones, as well as IoT
devices. Each Mobile Series product features an IP67-rated face for protection
against dust and water ingress.
The six ohm 15mm x 11mm AS01506MS-SC15-WP-R speaker is designed for
high fidelity audio reproduction in the thinnest size possible. Spring contacts and
a 2.5mm thickness make mounting easy.
Features:
•
PEEK diaphragm for flat frequency response
•
93 dB output (2.45V @ 10cm)
•
High-energy neodymium motor
•
Only 2.5 mm thick with spring-loaded contacts
•
Dustproof and waterproof IP67-rated face
Specifications
Parameters
Values
Units
Rated Input Power
1
Watts
Max Input Power
1.2
Watts
Impedance
6 ± 20%
Ohms
Sensitivity (SPL @ 2.45V/10cm)
At 2 kHz in 1cc enclosure
93 ± 3
dB
Resonant Frequency
(free air/in 1cc enclosure)
650 ± 20% / 950 ± 20%
Hz
Frequency Range
650 ~ 20,000
Hz
Frame Material
PPA
-
Magnet Material
NdFeB
-
Weight
1.5
Grams
Environmental Protection Rating
IP67
-


Similar Part No. - AS01506MS-SC15-WP-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01506MS-SC11-WP-R PUIAUDIO-AS01506MS-SC11-WP-R Datasheet
685Kb / 5P
PEEK diaphragm for flat frequency response
More results

Similar Description - AS01506MS-SC15-WP-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01506MS-SC11-WP-R PUIAUDIO-AS01506MS-SC11-WP-R Datasheet
685Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP11-WP-R PUIAUDIO-AS01506MS-SP11-WP-R Datasheet
676Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP15-WP-R PUIAUDIO-AS01506MS-SP15-WP-R Datasheet
677Kb / 5P
PEEK diaphragm for flat frequency response
AS01508MS-SC11-WP-R PUIAUDIO-AS01508MS-SC11-WP-R Datasheet
1Mb / 5P
PEEK diaphragm for flat frequency response
AS01508MS-SC15-WP-R PUIAUDIO-AS01508MS-SC15-WP-R Datasheet
707Kb / 5P
PEEK diaphragm for flat frequency response
AS01508MS-SP15-WP-R PUIAUDIO-AS01508MS-SP15-WP-R Datasheet
701Kb / 5P
PEEK diaphragm for flat frequency response
AS01606MS-SC16-WP-R PUIAUDIO-AS01606MS-SC16-WP-R Datasheet
678Kb / 5P
PEEK diaphragm for flat frequency response
AS01606MS-SP16-WP-R PUIAUDIO-AS01606MS-SP16-WP-R Datasheet
666Kb / 5P
PEEK diaphragm for flat frequency response
AS01608MS-SC16-WP-R PUIAUDIO-AS01608MS-SC16-WP-R Datasheet
681Kb / 5P
PEEK diaphragm for flat frequency response
AS01608MS-SP9-WP-R PUIAUDIO-AS01608MS-SP9-WP-R Datasheet
674Kb / 5P
PEEK diaphragm for flat frequency response
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com