Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01508AO-3-SC-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS01508AO-3-SC-R
Description  Slim-Line Micro Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01508AO-3-SC-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS01508AO-3-SC-R Datasheet HTML 1Page - PUI audio inc. AS01508AO-3-SC-R Datasheet HTML 2Page - PUI audio inc. AS01508AO-3-SC-R Datasheet HTML 3Page - PUI audio inc. AS01508AO-3-SC-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Slim-Line Micro Speakers
PUI Audio, Inc.’s new line of slim-line micro speakers are
purpose-built for space-limited, modern electronics such as
smartphones, tablets, laptops, as well as wearable technolo-
gy and IoT devices such as WiFi-enabled thermostats.
15 x 11 mm Slim-Line Micro Speakers
The AS01508AO-SC-R is a 15 x 11 speaker with
pre-installed double-sided adhesive for quick, easy
installation and spring-loaded contacts for a solderless
electrical connection and features a 4.42 mm thickness.
25 mm speaker leads replace the spring contacts on the
AS01508AO-SC-R to minimize thickness to 3.9 mm on the
AS01508AO-LW25-R.
For more output and lower distortion, a multi-magnet motor
drives the AS01508AO-3-R, while solder pads drive the
thickness down to 3.5 mm.
A spring-contact version is available in the
AS01508AO-3-SC-R.
These are also available with an IP65-rated face: the
AS01508AO-WP-R and the AS01508AO-SC-WP-R.
Each 15 x 11 mm speaker features a class-leading resonant
frequency below 600 Hz for realistic sound.
18 x 13 mm Slim-Line Micro Speakers
PUI Audio’s 18 x 13 mm speakers build on the performance
of the 15 x 11 mm speakers, while reducing the overall
thickness to below 3 mm on the AS01808AO-3-R with
solder pads and 3.1 mm on the AS01808AO-3-SC-R with
spring contacts.
Both feature an amazingly low resonant frequency of 320
Hz and are available with IP65-rated faces in the
AS01808AO-WP-R and AS01808AO-SC-WP-R.
New Product Feature
New Product Feature
New Product Feature
Contact your PUI Audio distributor today for pricing and availability!
Frequency Response Comparison
Total Harmonic Distortion (THD) Comparison


Similar Part No. - AS01508AO-3-SC-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
More results

Similar Description - AS01508AO-3-SC-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R596332100 ETC2-R596332100 Datasheet
458Kb / 8P
SLIM-LINE SMT Power Micro-SPDT with 10 GHz capabilities
logo
Switchcraft, Inc.
SL403F SWITCH-SL403F Datasheet
20Kb / 1P
SLIM-LINE CONNECTORS
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
Slim-Line Micro Speakers
AS01508AO-WP-R PUIAUDIO-AS01508AO-WP-R Datasheet
1Mb / 4P
15 x 11 mm Slim-Line Micro Speakers
AS01808AO-3-R PUIAUDIO-AS01808AO-3-R Datasheet
1Mb / 4P
15 x 11 mm Slim-Line Micro Speakers
AS01808AO-3-SC-R PUIAUDIO-AS01808AO-3-SC-R Datasheet
1Mb / 4P
15 x 11 mm Slim-Line Micro Speakers
AS01808AO-WP-R PUIAUDIO-AS01808AO-WP-R Datasheet
1Mb / 4P
15 x 11 mm Slim-Line Micro Speakers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com