Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA968B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA968B
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA968B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA968B Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA968B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website: www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA968 A B
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -10mA ; IB= 0
2SA968
-160
V
2SA968A
-180
2SA968B
-200
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -1mA ; IC= 0
-5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -0.5A; IB= -50mA
-1.5
V
VBE(on)
Base-Emitter On Voltage
IC= -0.5A ; VCE= -5V
-1.0
V
ICBO
Collector Cutoff Current
VCB= -160V ; IE= 0
2SA968
-1.0
μ
A
VCB= -180V ; IE= 0
2SA968A
VCB= -200V ; IE= 0
2SA968B
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-1.0
μ
A
hFE
DC Current Gain
IC= -0.1A ; VCE= -5V
70
240
COB
Output Capacitance
IE= 0; VCB= -10V; ftest= 1MHz
30
pF
fT
Current-Gain—Bandwidth Product
IC= -0.1A;VCE= -10V
100
MHz
hFE Classifications
O
Y
70-140
120-240



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com