Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7326D2 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7326D2
Description  FETKY MOSFET / Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7326D2 Datasheet(HTML) 2 Page - International Rectifier

  IRF7326D2 Datasheet HTML 1Page - International Rectifier IRF7326D2 Datasheet HTML 2Page - International Rectifier IRF7326D2 Datasheet HTML 3Page - International Rectifier IRF7326D2 Datasheet HTML 4Page - International Rectifier IRF7326D2 Datasheet HTML 5Page - International Rectifier IRF7326D2 Datasheet HTML 6Page - International Rectifier IRF7326D2 Datasheet HTML 7Page - International Rectifier IRF7326D2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF7326D2
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
—
—
V
VGS = 0V, ID = -250µA
RDS(on)
Static Drain-to-Source On-Resistance
—
0.073 0.10
VGS = -10V, ID = -1.8A
ƒ
—
0.13 0.16
VGS = -4.5V, ID = -1.5A
ƒ
VGS(th)
Gate Threshold Voltage
-1.0
—
—
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
2.5
—
—
S
VDS = -24V, ID = -1.8A
IDSS
Drain-to-Source Leakage Current
—
—
-1.0
VDS = -24V, VGS = 0V
—
—
-25
VDS = -24V, VGS = 0V, TJ = 55°C
IGSS
Gate-to-Source Forward Leakage
—
—
100
VGS = -20V
Gate-to-Source Reverse Leakage
—
—
-100
VGS = 20V
Qg
Total Gate Charge
—
—
25
ID = -1.8A
Qgs
Gate-to-Source Charge
—
—
2.9
nC
VDS = -24V
Qgd
Gate-to-Drain ("Miller") Charge
—
—
9.0
VGS = -10V (see figure 6) Ž
td(on)
Turn-On Delay Time
—
11
—
VDD = -15V
tr
Rise Time
—
17
—
ID = -1.8A
td(off)
Turn-Off Delay Time
—
25
—
RG = 6.0Ω
tf
Fall Time
—
18
—
RD = 8.2Ω Ž
Ciss
Input Capacitance
—
440
—
VGS = 0V
Coss
Output Capacitance
—
200
—
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
—
93
—
ƒ = 1.0MHz (see figure 5)
MOSFET Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Ω
µA
nA
ns
Parameter
Min. Typ.
Max.
Units
Conditions
IS
Continuous Source Current (Body Diode) —
—
-2.5
A
ISM
Pulsed Source Current (Body Diode)
—
—
-29
VSD
Body Diode Forward Voltage
—
—
-1.0
V
TJ = 25°C, IS = -1.8A, VGS = 0V
trr
Reverse Recovery Time (Body Diode)
—
53
80
ns
TJ = 25°C, IF = -1.8A
Qrr
Reverse Recovery Charge
—
66
99
nC
di/dt = 100A/µs Ž
MOSFET Source-Drain Ratings and Characteristics
Parameter
Max. Units
Conditions
If (av)
Max. Average Forward Current
2.8
50% Duty Cycle. Rectangular Wave, Tc = 25°C
1.8
50% Duty Cycle. Rectangular Wave, Tc = 70°C
ISM
Max. peak one cycle Non-repetitive
200
5µs sine or 3µs Rect. pulse
Following any rated
Surge current
20
10ms sine or 6ms Rect. pulse load condition &
with Vrrm applied
A
Schottky Diode Maximum Ratings
A
Parameter
Max. Units
Conditions
Vfm
Max. Forward voltage drop
0.57
If = 3.0, Tj = 25°C
0.77
If = 6.0, Tj = 25°C
0.52
If = 3.0, Tj = 125°C
0.79
If = 6.0, Tj = 125°C
.
Irm
Max. Reverse Leakage current
0.30
Vr = 30V
Tj = 25°C
37
Tj = 125°C
Ct
Max. Junction Capacitance
310
pF
Vr = 5Vdc ( 100kHz to 1 MHz) 25°C
dv/dt
Max. Voltage Rate of Charge
4900 V/µs
Rated Vr
Schottky Diode Electrical Specifications
V
mA
( HEXFET is the reg. TM for International Rectifier Power MOSFET's )



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com