Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16962 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16962
Description  4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16962 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16962 Datasheet HTML 1Page - Maxim Integrated Products MAX16962 Datasheet HTML 2Page - Maxim Integrated Products MAX16962 Datasheet HTML 3Page - Maxim Integrated Products MAX16962 Datasheet HTML 4Page - Maxim Integrated Products MAX16962 Datasheet HTML 5Page - Maxim Integrated Products MAX16962 Datasheet HTML 6Page - Maxim Integrated Products MAX16962 Datasheet HTML 7Page - Maxim Integrated Products MAX16962 Datasheet HTML 8Page - Maxim Integrated Products MAX16962 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MAX16962
4A, 2.2MHz, Synchronous Step-Down
DC-DC Converter
4
Maxim Integrated
Typical Operating Characteristics
(VPV = VPV1 = 5V, VEN = 5V, TA = +25°C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(VPV = VPV1 = VPV2 = 5V, VEN = 5V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: All limits are 100% production tested at +25°C. Limits over temperature are guaranteed by design.
Note 3: Calculated value based on an assumed inductor current ripple of 30%.
Note 4: For SYNC frequency outside (1.7, 2.4) MHz, contact factory.
Note 5: LX_ has internal clamp diodes to PGND_ and IN_. Applications that forward bias these diodes should take care not to
exceed the IC’s package power dissipation limits.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Hysteresis
50
mV
Pulldown Resistor
50
100
200
kI
DIGITAL OUTPUT (SYNC AS OUTPUT)
Output Voltage Low
VOL
ISINK = 3mA
0.4
V
Output Voltage High
VOH
VPV = 5V, ISOURCE = 3mA
4.2
V
EFFICIENCY vs. LOAD CURRENT (SKIP)
LOAD CURRENT (A)
1
0.1
0.01
0.001
10
20
30
40
50
60
70
80
90
100
0
010
VIN = 5V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 3.3V
fSW = 2.2MHz, SKIP MODE
EFFICIENCY vs. LOAD CURRENT (PWM)
LOAD CURRENT (A)
1.0
0.1
0.01
0.001
10
10
20
30
40
50
60
70
80
90
100
0
VOUT = 1.2V
VOUT = 3.3V
VOUT = 1.8V
fSW = 2.2MHz, PWM MODE
VIN = 5V
EFFICIENCY vs. LOAD CURRENT (PWM)
LOAD CURRENT (A)
1.0
0.1
0.01
0.001
10
10
20
30
40
50
60
70
80
90
100
0
VOUT = 1.2V
VOUT = 2.5V
VOUT = 1.8V
fSW = 2.2MHz, PWM MODE
VIN = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com