Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTA3N110 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTA3N110
Description  High Voltage Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA3N110 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTA3N110 Datasheet HTML 1Page - IXYS Corporation IXTA3N110 Datasheet HTML 2Page - IXYS Corporation IXTA3N110 Datasheet HTML 3Page - IXYS Corporation IXTA3N110 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2001 IXYS All rights reserved
V
GS - Volts
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
J - Degrees C
25
50
75
100
125
150
1.0
1.3
1.6
1.9
2.2
2.5
2.8
I
D =1.5A
I
D - Amperes
0
123
45
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
V
DS - Volts
0
3
6
9
12 15 18 21
24 27 30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
DS - Volts
0
2
4
6
8
1012 1416 1820
0
1
2
3
4
5
V
GS = 10V
T
J = 125
OC
T
J = 25
OC
4V
4V
5V
T
J = 25
oC
I
D = 3A
T
J = 125
oC
V
GS = 9V
8V
7V
6V
T
J = 125
OC
5V
V
GS = 9V
8V
7V
6V
T
J = 25
OC
V
GS = 10V
IXT_3N110
IXT_3N120
IXTA/IXTP 3N120
IXTA/IXTP 3N110
Fig.1 Output Characteristics @ T
j = 25°C
Fig. 2 Output Characteristics @ T
j = 125°C
Fig. 3 R
DS(on) vs. Drain Current
Fig.4 Temperature Dependence of Drain
to Source Resistance
Fig.5 Drain Current vs. Case Temperature
Fig. 6
Drain Current vs Gate Source Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com