Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP3N110 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP3N110
Description  High Voltage Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP3N110 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP3N110 Datasheet HTML 1Page - IXYS Corporation IXTP3N110 Datasheet HTML 2Page - IXYS Corporation IXTP3N110 Datasheet HTML 3Page - IXYS Corporation IXTP3N110 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2001 IXYS All rights reserved
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt
Features
l International standard packages
l Low R
DS (on)
l Rated for unclamped Inductive load
Switching (UIS)
l Molding epoxies meet UL 94 V-0
flammability classification
Advantages
l Easy to mount
l Space savings
l High power density
High Voltage
Power MOSFETs
G
S
TO-263 (IXTA)
G
D
S
TO-220 (IXTP)
G = Gate
D
= Drain
S = Source
TAB = Drain
IXTA/IXTP 3N120
IXTA/IXTP 3N110
D (TAB)
D (TAB)
V
DSS
I
D25
R
DS(on)
1200 V
3 A
4.5
Ω
Ω
Ω
Ω
Ω
1100 V
3 A
4.0
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
3N120
1200
V
3N110
1100
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
3N120
1200
V
3N110
1100
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C3
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
12
A
I
AR
T
C
= 25
°C3
A
E
AR
T
C
= 25
°C
20
mJ
E
AS
700
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
150
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
°C
M
d
Mounting torque (TO-220)
1.13/10
Nm/lb.in.
Weight
TO-220
4
g
TO-263
2
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 1 mA
3N120
1200
V
3N110
1100
V
V
GS(th)
V
DS
= V
GS, ID = 250 µA
2.5
4.5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= 0.8 V
DSS
T
J
= 25
°C25
µA
V
GS
= 0 V
T
J
= 125
°C1
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 ID25
3N120
4.5
Ω
Note 1
3N110
4.0
Ω
Preliminary Data Sheet
98844A (11/01)


Similar Part No. - IXTP3N110

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP3N100D2 IXYS-IXTP3N100D2 Datasheet
167Kb / 5P
Depletion Mode MOSFETs
IXTP3N100D2 IXYS-IXTP3N100D2 Datasheet
161Kb / 6P
N-Channel MOSFET
IXTP3N100P IXYS-IXTP3N100P Datasheet
155Kb / 4P
Polar VHVTM Power MOSFET N-Channel Enhancement Mode
IXTP3N100P IXYS-IXTP3N100P Datasheet
336Kb / 7P
N-Channel Enhancement Mode Power MOSFET
IXTP3N120 IXYS-IXTP3N120 Datasheet
562Kb / 4P
High Voltage Power MOSFETs
More results

Similar Description - IXTP3N110

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTP3N120 IXYS-IXTP3N120 Datasheet
562Kb / 4P
High Voltage Power MOSFETs
logo
Advanced Power Technolo...
APT6060AN ADPOW-APT6060AN Datasheet
386Kb / 4P
N-CHANNEL ENHANCEMENT-MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTH3N120 IXYS-IXTH3N120 Datasheet
145Kb / 4P
High Voltage Power MOSFETs
logo
Seme LAB
BFC18 SEME-LAB-BFC18 Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTA02N450HV IXYS-IXTA02N450HV Datasheet
208Kb / 5P
High Voltage Power MOSFETs
IXTH02N250 IXYS-IXTH02N250 Datasheet
244Kb / 5P
High Voltage Power MOSFETs
IXTH6N150 IXYS-IXTH6N150 Datasheet
135Kb / 5P
High Voltage Power MOSFETs
IXTV03N400S IXYS-IXTV03N400S Datasheet
193Kb / 4P
High Voltage Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com