Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01608MS-SC9-WP-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS01608MS-SC9-WP-R
Description  PEEK diaphragm for flat frequency response
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01608MS-SC9-WP-R Datasheet(HTML) 3 Page - PUI audio inc.

  AS01608MS-SC9-WP-R Datasheet HTML 1Page - PUI audio inc. AS01608MS-SC9-WP-R Datasheet HTML 2Page - PUI audio inc. AS01608MS-SC9-WP-R Datasheet HTML 3Page - PUI audio inc. AS01608MS-SC9-WP-R Datasheet HTML 4Page - PUI audio inc. AS01608MS-SC9-WP-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Impedance Response (Measured with speaker in a 1cc enclosure)
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +85°C ± 3°C followed by three hours in
normal room temperature
Low Temperature Test
96 hours at -40°C ± 3°C followed by three hours in
normal room temperature
Humidity Test
96 hours at +55°C ± 3°C with relative humidity at
95% in accordance with IEC 68-2-67.
Temperature Cycle Testing
The part shall be subjected to 20 cycles using the
following procedure:
Low temperature: -40℃±3℃
High temperature:+85℃±3℃
Cycle: 30 mins at High, 10 seconds High to Low, 30
mins at Low, 10 seconds minutes Low to High
Vibration Test
10 to 55 to 10 Hz sine sweep, per minute @
1.5mm amplitude
2 hours in each axis X, Y, and Z
Drop Test
Mount speaker to 150g fixture, drop fixture 1.5
meters, twice per side and twice for each corner
Load Test
DUTs shall be tested under each specified climatic
condition; input shall be simulated program
signal (per IEC 268-1) with crest factor of 1.8 to
2.2 in rated frequency range for a period of 1
second. And the test shall be repeated 60 times
with intervals of 1 min. Refer to IEC 268-5.
After each test, the speaker’s SPL shall be ±3 dB of the original SPL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com