Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01608MS-SP9-WP-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS01608MS-SP9-WP-R
Description  PEEK diaphragm for flat frequency response
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01608MS-SP9-WP-R Datasheet(HTML) 3 Page - PUI audio inc.

  AS01608MS-SP9-WP-R Datasheet HTML 1Page - PUI audio inc. AS01608MS-SP9-WP-R Datasheet HTML 2Page - PUI audio inc. AS01608MS-SP9-WP-R Datasheet HTML 3Page - PUI audio inc. AS01608MS-SP9-WP-R Datasheet HTML 4Page - PUI audio inc. AS01608MS-SP9-WP-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Impedance Response (Measured with speaker in a 1cc enclosure)
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +85°C ± 3°C followed by three hours in
normal room temperature
Low Temperature Test
96 hours at -40°C ± 3°C followed by three hours in
normal room temperature
Humidity Test
96 hours at +55°C ± 3°C with relative humidity at
95% in accordance with IEC 68-2-67.
Temperature Cycle Testing
The part shall be subjected to 20 cycles using the
following procedure:
Low temperature: -40℃±3℃
High temperature:+85℃±3℃
Cycle: 30 mins at High, 10 seconds High to Low, 30
mins at Low, 10 seconds minutes Low to High
Vibration Test
10 to 55 to 10 Hz sine sweep, per minute @
1.5mm amplitude
2 hours in each axis X, Y, and Z
Drop Test
Mount speaker to 150g fixture, drop fixture 1.5
meters, twice per side and twice for each corner
Load Test
DUTs shall be tested under each specified
climatic condition for a continuous period of
100 hours at rated noise power. Speakers
mounted in a 1cc back cavity; simulated
program signal (IEC 268-1) with crest factor
of 1.8~2.2 ,in rated frequency range; high
pass 12dB/Oct or steeper, cut off at 850Hz.
Refer to IEC 268-5.
After each test, the speaker’s SPL shall be ±3 dB of the original SPL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com